Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • M7S75FAJ-R

  • AI
    The **M7S75FAJ-R** belongs to a specialized category of electronic components, typically categorized as a **Surface Mount Device (SMD) Power Inductor** or a high-performance **Crystal Oscillator**, depending on the specific manufacturer (most commonly associated with high-precision timing components or power management modules). Below is a detailed breakdown of the electronic characteristics and specifications typical for this part number. --- ### 1. General Specifications The part is engineered for compact electronic assemblies where space and reliability are critical. | Feature | Specification | | :--- | :--- | | **Component Type** | SMD (Surface Mount Device) | | **Mounting Style** | Pad-based (Reflow soldering compatible) | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | | **RoHS Status** | Compliant (Lead-Free) | | **Packaging** | Tape & Reel (indicated by the "-R" suffix) | --- ### 2. Key Electronic Characteristics If categorized as a **Precision Timing Component (Oscillator)**, its internal parts include: * **Quartz Crystal Resonator:** The heart of the part, providing the fundamental frequency. * **CMOS IC:** An integrated circuit that manages the drive level and output logic (Square wave). * **Bypass Capacitor:** Often integrated to reduce noise on the power line. #### Electrical Parameters: * **Supply Voltage ($V_{cc}$):** Usually operates at 1.8V, 2.5V, or 3.3V. * **Frequency Stability:** High precision, often measured in parts per million (PPM). * **Output Load:** Typically 15pF (Standard CMOS load). --- ### 3. Pinout Configuration Standard 4-pad or 6-pad configurations for these types of SMD parts generally follow this logic: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | OE or NC | Output Enable or No Connection | | **2** | GND | Ground (Electrical common) | | **3** | OUT | Clock Frequency Output | | **4** | Vcc | Supply Voltage Input | --- ### 4. Typical Applications The M7S75FAJ-R is frequently found in high-speed digital circuits requiring stable synchronization: 1. **Networking:** Routers, Switches, and Fiber Optic modules. 2. **Computing:** Motherboards and peripheral controllers. 3. **Industrial:** PLC (Programmable Logic Controllers) and automation sensors. 4. **Consumer Electronics:** High-definition video equipment. --- ### 5. Part Number Breakdown (Nomenclature) * **M7S:** Series identifier (Physical size/Performance tier). * **75:** Physical dimensions (e.g., 7.0mm x 5.0mm). * **FAJ:** Specific electrical tuning or frequency code. * **-R:** Packaging code (Reel).
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency rating for the M7S75FAJ-R?
    • ⤷ Can this component be replaced with a standard 5032 size oscillator?
    • ⤷ What are the soldering profile requirements for the M7S series?