M7S36TCJ-R
AI

The **M7S36TCJ-R** is a specific part number belonging to the **M7S Series** of crystal oscillators, manufactured by **MtronPTI**. These components are widely used for providing precise timing signals in electronic circuits.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
The M7S series consists of **HCMOS/TTL compatible** miniature surface-mount (SMD) crystal oscillators.
| Feature | Specification |
| :--- | :--- |
| **Type** | Fixed Frequency Crystal Oscillator (XO) |
| **Output Type** | HCMOS / TTL |
| **Package Size** | 5.0 x 7.0 mm (standard 4-pad SMD) |
| **Supply Voltage ($V_{DD}$)** | Typically 3.3V (standard for the '36' designation) |
| **Operating Temperature** | Commercial or Industrial grades available |
---
### 2. Part Number Breakdown
The nomenclature for MtronPTI oscillators follows a specific pattern. Here is how the **M7S36TCJ-R** is likely decoded:
* **M7S**: Series identifier (5x7mm SMD, HCMOS/TTL).
* **36**: Voltage code. Typically signifies a **3.3V** operating voltage.
* **T**: Tri-state Enable/Disable function (allows the output to be high-impedance).
* **C**: Stability code (e.g., ±100ppm, ±50ppm, or ±25ppm depending on specific datasheet revisions).
* **J**: Temperature range (Commonly implies -40°C to +85°C for Industrial).
* **R**: RoHS Compliant (Lead-free).
---
### 3. Pin Configuration
Standard 5x7mm oscillators like the M7S series use a 4-pad layout:
| Pad # | Function | Description |
| :--- | :--- | :--- |
| **1** | **Enable/Disable (E/D)** | High or Floating = Output Active; Low = High Impedance |
| **2** | **Ground (GND)** | Circuit and Case Ground |
| **3** | **Output** | Frequency signal output (Square Wave) |
| **4** | **$V_{DD}$** | Power Supply Input |
---
### 4. Key Electronic Characteristics
* **Frequency Range:** Usually available from 1.000 MHz to 125.000 MHz (The specific frequency is usually printed on the component body).
* **Duty Cycle:** Typically 40/60% or 45/55%.
* **Rise/Fall Time:** Fast switching times (typically < 5ns) to support high-speed digital logic.
* **Low Jitter:** Designed for timing-sensitive applications like Ethernet, Storage Area Networks, and Microprocessors.
---
### 5. Common Applications
Due to its reliability and standard footprint, this part is found in:
1. **Networking:** Switches, routers, and modems.
2. **Embedded Systems:** Microcontrollers and FPGA clocking.
3. **Industrial:** Measurement equipment and control systems.
4. **Computing:** Peripheral interfaces and storage controllers.
- ⤷
What is the specific output frequency of your M7S36TCJ-R unit?
- ⤷ How does the Tri-state function (Pin 1) impact power consumption?
- ⤷ What are the recommended decoupling capacitor values for this oscillator?