Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • M7S21TCJ-R

  • AI
    The **M7S21TCJ-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor** or a high-frequency magnetic component used in power management circuits. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications Based on the part numbering convention common for this series (often associated with manufacturers like **Sagami** or similar high-power inductor specialists), here are the typical technical parameters: | Parameter | Description | | :--- | :--- | | **Component Type** | Fixed Inductor / Power Inductor | | **Inductance** | Typically defined by the center digits (S21) | | **Mounting Type** | SMD (Surface Mount Device) | | **Core Material** | Ferrite or Composite Metal Powder | | **Shielding** | Magnetically Shielded (prevents EMI interference) | --- ### 2. Key Electronic Features * **Low DC Resistance (DCR):** Designed to minimize power loss and heat generation, making it efficient for battery-operated devices. * **High Saturation Current:** It can handle high peak currents without the inductance dropping significantly (saturation). * **Magnetic Shielding:** The part is enclosed in a magnetic cage to prevent the magnetic field from interfering with neighboring components on the PCB. * **Thermal Stability:** Rated for industrial temperature ranges, ensuring consistent performance under load. --- ### 3. Typical Applications These parts are commonly found in the following electronic circuits: 1. **DC-DC Converters:** Used as the energy storage element in buck (step-down) or boost (step-up) converters. 2. **Voltage Regulator Modules (VRM):** Found near CPUs or GPUs in computing hardware. 3. **Audio Amplifiers:** Used in the output filter stages of Class-D amplifiers to smooth out high-frequency switching noise. 4. **Power Supplies:** General filtering and noise suppression in consumer electronics. --- ### 4. Code Breakdown (General Guide) While specific manufacturers vary, the part number usually follows this logic: ```text M7S - 21T - C - J - R | | | | | | | | | +--> Packaging (e.g., Tape & Reel) | | | +------> Tolerance (e.g., J = ±5%) | | +----------> Case Style/Material Code | +---------------> Size/Inductance Value Code +---------------------> Series Identifier ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact inductance value for the S21 code in this series?
    • ⤷ Is this component RoHS compliant?
    • ⤷ What are the physical dimensions (footprint) of the M7S series?