M7R46FCJ-R
AI

The **M7R46FCJ-R** is a specific part number typically associated with **M.2 Solid State Drives (SSDs)**, often originating from manufacturers like SK Hynix or used in OEM builds (such as Lenovo or Dell laptops).
Below is a detailed breakdown of its electronic characteristics and specifications.
---
## 1. Core Specifications
The device is a high-performance storage module designed for the NVMe interface.
| Feature | Specification |
| :--- | :--- |
| **Form Factor** | M.2 2242 or 2280 (depending on specific revision) |
| **Interface** | PCIe Gen 4.0 x4 |
| **Protocol** | NVMe 1.4 |
| **Capacity** | Typically 256GB / 512GB (Varies by suffix) |
| **NAND Type** | 3D TLC (Triple Level Cell) |
---
## 2. Electronic Components Breakdown
The PCB (Printed Circuit Board) of this part consists of several critical electronic sub-systems:
### A. The Controller (The "Brain")
The controller manages data flow between the PCIe bus and the NAND flash.
- **Function:** Handles Wear Leveling, Error Correction Code (ECC), and Bad Block Management.
- **Efficiency:** Uses an integrated Power Management Unit (PMU) to switch between active and low-power states (L1.2 sleep states).
### B. NAND Flash Memory
This is where the non-volatile data is stored.
- **Architecture:** Stacked 3D NAND layers to increase density without increasing the physical footprint.
- **Voltage:** Operates typically at 1.2V or 1.8V internal logic levels, regulated from the main 3.3V rail.
### C. Power Management Circuitry
- **Buck Converters:** Steps down the 3.3V input from the M.2 slot to the specific voltages required by the controller and NAND.
- **Decoupling Capacitors:** Small surface-mount capacitors (MLCCs) surround the chips to filter high-frequency noise and ensure voltage stability during high-speed data bursts.
---
## 3. Physical & Electrical Interface
The part utilizes the **M-Key** edge connector, which is standard for PCIe-based SSDs.
### Pinout Functional Groups
1. **Power Rails:** Pins dedicated to 3.3V input.
2. **Differential Pairs:** Four lanes of Transmit (TX) and Receive (RX) signals for high-speed data transfer.
3. **Clock Signals:** REFCLK+/- used to synchronize data timing between the CPU and the drive.
4. **Sideband Signals:** Includes `PERST#` (PCIe Reset) and `CLKREQ#` (Clock Request) for power management.
---
## 4. Performance Expectations
Given its PCIe Gen 4 architecture, the electronic throughput is significantly higher than older Gen 3 drives.
| Metric | Estimated Performance |
| :--- | :--- |
| **Sequential Read** | Up to 3,500 - 5,000 MB/s |
| **Sequential Write** | Up to 2,000 - 3,500 MB/s |
| **Operating Temp** | 0°C to 70°C |
---
- ⤷
Is the M7R46FCJ-R compatible with PCIe Gen 3 motherboards?
- ⤷ What is the specific storage capacity for the -R suffix of this model?
- ⤷ How does the power consumption of this NVMe drive compare to a standard SATA SSD?