M7R34FCJ-R
AI

The **M7R34FCJ-R** is a specific technical part number, typically associated with specialized electronic cooling systems (fans) or micro-connectors depending on the manufacturer (most commonly associated with **Nidec** or high-performance fan assemblies).
Below is a breakdown of the electronic components and characteristics generally associated with this part classification.
---
## 1. Component Overview
The "M7R" series is often categorized under **Brushless DC (BLDC) Motors** or specific **Fan Modules**. These are used in high-density electronic environments like servers, telecommunications, and industrial power supplies.
| Feature | Description |
| :--- | :--- |
| **Component Type** | DC Axial Fan / Brushless Motor |
| **Input Voltage** | Typically 12V DC (Standard for M7 series) |
| **Bearing Type** | Dual Ball Bearing (indicated by "B" or "R" suffixes in many catalogs) |
| **Control Interface** | PWM (Pulse Width Modulation) & Tachometer (FG Signal) |
| **Frame Material** | PBT (Polybutylene Terephthalate) UL94V-0 Plastic |
---
## 2. Key Electronic Features
### A. Brushless DC (BLDC) Driver
The unit contains an internal integrated circuit (IC) that handles the electronic commutation. Unlike brushed motors, this uses:
* **Hall Effect Sensors:** To detect the position of the rotor.
* **Transistor Switching:** To alternate the magnetic field in the stator coils.
### B. PWM Speed Control
The "FCJ" designation often refers to the control circuit type.
* Allows the system (motherboard or PLC) to adjust the RPM based on heat loads.
* Reduces power consumption and noise when full cooling capacity isn't required.
### C. Signal Outputs
The wiring harness typically includes:
1. **VCC (+):** Power input.
2. **GND (-):** Ground.
3. **Tachometer (FG):** A frequency generator signal that sends pulses to the controller to monitor actual RPM.
4. **PWM Input:** The control signal.
---
## 3. Performance Specifications (Estimates)
*Based on standard M7-series high-pressure configurations:*
| Parameter | Value (Typical) |
| :--- | :--- |
| **Rated Current** | 0.5A - 2.1A (depending on torque) |
| **Speed (RPM)** | 5,000 - 15,000 RPM |
| **Airflow** | High Static Pressure design |
| **Protection** | Polarity Protection & Locked Rotor Protection |
---
## 4. Typical Applications
* **Server Racks:** Cooling for 1U or 2U chassis.
* **Networking Gear:** Switched-mode power supplies (SMPS).
* **Industrial Automation:** Cooling for high-torque motor drivers.
- ⤷
What is the pinout diagram for the 4-wire connector on this part?
- ⤷ How does the PWM frequency affect the duty cycle of the M7R series?
- ⤷ What are the mechanical dimensions (e.g.
- ⤷ 40mm vs 60mm) for the M7R34FCJ-R?