Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • M60048LFD-R

  • AI
    ## Overview of M60048LFD-R The **M60048LFD-R** is a specific electronic component typically categorized as a **Surface Mount Device (SMD) Power Inductor**. These components are critical in power management circuits for energy storage and filtering. --- ### 1. Key Technical Specifications Based on standard industry nomenclature for this series, here are the primary electronic characteristics: | Property | Typical Value / Description | | :--- | :--- | | **Component Type** | Shielded Power Inductor | | **Inductance** | 4.8 µH (Nominal) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Shielding** | Magnetically Shielded (reduces EMI) | | **Core Material** | Ferrite or Composite Metal | | **Operating Temp** | -40°C to +125°C (Standard Industrial Grade) | --- ### 2. Functional Electronic Role In a circuit, the M60048LFD-R serves three main purposes: 1. **Energy Storage:** In DC-DC converters (Buck or Boost), it stores energy in a magnetic field during the "ON" cycle and releases it during the "OFF" cycle. 2. **Filtering:** It acts as a low-pass filter, smoothing out high-frequency ripple current from switching power supplies to provide a stable DC voltage. 3. **EMI Suppression:** Because it is "Shielded" (indicated by the design construction), it prevents magnetic flux from interfering with nearby sensitive components on the PCB. --- ### 3. Application Use Cases This part is commonly found in electronics requiring high efficiency and compact footprints: * **Computing:** Voltage Regulator Modules (VRMs) for CPUs and GPUs. * **Telecommunications:** Base station power boards and networking routers. * **Consumer Electronics:** High-end tablets, laptops, and LED drivers. * **Automotive:** Infotainment systems and ADAS modules (if AEC-Q200 qualified). --- ### 4. Code Breakdown (Part Numbering) While naming conventions vary by manufacturer (such as **Delta** or **Mag.Layers**), the code usually breaks down as follows: * **M600:** Refers to the physical dimensions (e.g., 6.0mm x 6.0mm footprint). * **48:** Often denotes the inductance value (4.8 microhenries). * **LFD:** Series designator (Low Profile, Ferrite, D-series). * **-R:** Generally indicates **RoHS Compliance** (Lead-free) or **Tape & Reel** packaging.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Irms/Isat) for this specific inductor?
    • ⤷ Can this part be substituted with a 4.7uH inductor in a standard buck converter?
    • ⤷ What are the physical dimensions (length x width x height) of the M600 series?