M60038GVCK-R
AI

The **M60038GVCK-R** is a specific electronic component, typically classified as a **Crystal Oscillator**. It belongs to the frequency control category of electronic parts and is often manufactured by companies like **Microchip** or **Vectron (acquired by Microchip)**.
Below is a breakdown of its electronic characteristics and specifications.
---
## 1. Technical Specifications
This component is designed for high-precision timing applications. While specific datasheet values can vary by production batch, the "M6003" series generally follows these parameters:
| Parameter | Typical Value |
| :--- | :--- |
| **Component Type** | Crystal Oscillator (XO) / TCXO |
| **Package Type** | Surface Mount (SMD) |
| **Supply Voltage** | Usually 3.3V or 5.0V |
| **Output Type** | CMOS / TTL Compatible |
| **Frequency Stability** | High (often ±25ppm to ±50ppm) |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
---
## 2. Key Electronic Features
### A. Frequency Stability
The "GVCK" suffix often denotes specific stability and voltage configurations. These parts are engineered to maintain a consistent clock signal despite changes in temperature or input voltage, which is critical for digital synchronization.
### B. Low Phase Noise
This part is designed to minimize "jitter" (timing uncertainty). Low phase noise is essential for communication equipment to prevent data errors during high-speed transmission.
### C. Mechanical Durability
The "R" suffix usually indicates **RoHS Compliance** (Restriction of Hazardous Substances) and often implies the part is shipped in **Tape & Reel** format for automated pick-and-place assembly.
---
## 3. Common Applications
Due to its precision, the M60038GVCK-R is typically found in the following circuits:
* **Networking Gear:** Routers, switches, and base stations.
* **Industrial Automation:** PLCs and high-speed sensor interfaces.
* **Embedded Systems:** Providing the master clock for Microcontrollers (MCUs) or FPGAs.
* **Telecommunications:** Used in synchronization layers for data transport.
---
## 4. Understanding the Part Number (General Breakdown)
* **M6003:** The base series or model family.
* **8:** Often designates the package size (e.g., 5x7mm or 3.2x5mm).
* **GVCK:** Internal codes for Frequency, Voltage, and Stability.
* **-R:** RoHS compliant and Tape/Reel packaging.
- ⤷What is the exact output frequency of the M60038GVCK-R?
- ⤷ Is this oscillator compatible with 1.8V logic levels?
- ⤷ What are the physical dimensions of the SMD package for this part?