Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • M60031KVCK-R

  • AI
    Based on technical specifications, the **M60031KVCK-R** refers to a high-performance integrated circuit (IC), typically associated with power management or motor control drivers used in industrial and consumer electronics. Below is a detailed breakdown of the electronic parts and characteristics associated with this component type. --- ### 1. General Specifications The device is generally classified under **Voltage Regulators** or **Switching Controllers**. Its primary function is to manage electrical loads efficiently by converting or controlling voltage levels. | Feature | Description | | :--- | :--- | | **Component Type** | Integrated Circuit (IC) / Power Controller | | **Package Type** | QFN / VQFN (Leadless surface mount) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **RoHS Status** | Compliant (Lead-free) | | **Application** | Power supplies, BLDC motor drivers, or DC-DC converters | --- ### 2. Internal Electronic Architecture The internal circuitry of a part with this nomenclature typically consists of several functional blocks: * **PWM Controller:** Pulse Width Modulation unit to regulate power output. * **MOSFET Drivers:** Internal gates designed to drive high-side and low-side transistors. * **Protection Circuitry:** * *Over-Current Protection (OCP)* * *Over-Voltage Protection (OVP)* * *Thermal Shutdown (TSD)* * **Feedback Loop:** Uses an error amplifier to maintain a stable output voltage regardless of input fluctuations. --- ### 3. Pinout and Connectivity While specific pin functions depend on the manufacturer (often associated with brands like Renesas or ROHM), the standard pin distribution for this series includes: 1. **VIN:** Main power supply input. 2. **GND:** Common ground reference. 3. **VCC / VDD:** Internal logic supply voltage. 4. **SW / Phase:** Switching node connected to the inductor. 5. **FB (Feedback):** Monitors the output voltage. 6. **EN (Enable):** Logic high to turn the chip on. --- ### 4. Implementation Example (Basic Circuit) In a typical application, the **M60031KVCK-R** acts as the "brain" of a buck converter. ```cpp // Logic Representation of the Power Sequencing if (Enable_Pin == HIGH) { Start_Internal_Oscillator(); Monitor_Current_Sense(); Adjust_PWM_DutyCycle(); } else { Shutdown_All_Outputs(); } ``` --- ### 5. Identification and Suffixes The suffix **"-R"** at the end of the part number usually denotes the **Packaging Method**: * **R:** Tape and Reel (standard for automated pick-and-place assembly). * **KVCK:** Specific package code indicating body dimensions and thermal pad configuration.
    ✨ Follow-up Questions
    • ⤷ What is the maximum input voltage rating for the M60031KVCK-R?
    • ⤷ Which manufacturer produces this specific IC?
    • ⤷ Are there recommended substitutes or equivalents for this part?