Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • M60028LFK-R

  • AI
    ### Technical Overview: M60028LFK-R The **M60028LFK-R** is a specific integrated circuit (IC), typically categorized as a **Low Dropout Regulator (LDO)** or a power management component, frequently manufactured by companies like Mitsumi (now part of MinebeaMitsumi). Below is a breakdown of its electronic characteristics and specifications. --- ### 1. Key Technical Specifications | Parameter | Description | | :--- | :--- | | **Component Type** | Linear Voltage Regulator (LDO) | | **Input Voltage Range** | Typically 2.5V to 6.5V (Application dependent) | | **Output Voltage** | Fixed output (often 2.8V or 3.0V depending on internal trim) | | **Output Current** | Typically up to 300mA - 500mA | | **Package Type** | SOT-25 / SC-74A (Small Outline Transistor) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **RoHS Status** | Lead-Free (LF) and RoHS Compliant | --- ### 2. Functional Pins & Internal Logic Most LDOs in this series utilize a 5-pin configuration. The logic allows for stable voltage conversion with minimal noise. 1. **VIN (Input):** Power supply input. 2. **GND (Ground):** Reference point. 3. **EN/CE (Enable/Chip Enable):** A logic high signal turns the IC on; logic low enters standby mode to save power. 4. **NC/BYP (No Connect/Bypass):** Often used with a capacitor to reduce output noise. 5. **VOUT (Output):** Regulated voltage output. --- ### 3. Critical Features * **Low Dropout Voltage:** The "L" in the suffix often denotes Low Dropout, meaning the device can maintain a stable output even when the input voltage is very close to the output voltage. * **Thermal Shutdown:** Built-in protection that shuts the device down if internal temperatures exceed safe limits (usually >150°C). * **Current Limiting:** Protects the IC and the rest of the circuit from short-circuit conditions. * **Ripple Rejection (PSRR):** High capability to filter out input noise, making it ideal for RF and sensitive analog circuits. --- ### 4. Part Number Decoder (Example) While manufacturer codes vary slightly, the suffix typically breaks down as follows: ```text M60028 - Base Part Series (Regulator family) LF - Lead Free (Environmentally friendly) K - Package code (often denotes SOT-25 or specific taping orientation) R - Tape & Reel (Packaging method for automated assembly) ``` --- ### 5. Common Applications * **Mobile Devices:** Powering camera modules or sensors. * **IoT Modules:** Providing stable power to microcontrollers (MCUs). * **Battery Powered Equipment:** Due to the low quiescent current (low power draw when idle).
    ✨ Follow-up Questions
    • ⤷ What is the exact output voltage for the '28' variant of this IC?
    • ⤷ Can you provide a typical application circuit diagram for an LDO?
    • ⤷ What are the thermal resistance values for the SOT-25 package?