Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • M60018KVCK-R

  • AI
    The **M60018KVCK-R** (often associated with the Renesas / Mitsubishi M60018 series) is an Integrated Circuit (IC) primarily categorized as a **Pulse Width Modulation (PWM) Controller** or a specialized **Switch-Mode Power Supply (SMPS) Control IC**. It is frequently utilized in high-efficiency power adapters and industrial power modules. Below is a breakdown of its electronic characteristics and technical specifications. --- ## 1. Technical Specifications This IC is designed to manage the switching of high-voltage transistors (MOSFETs) to convert voltage levels with minimal heat loss. | Parameter | Description | | :--- | :--- | | **Function** | Current-Mode PWM Controller | | **Package Type** | SOP-8 or DIP-8 (Surface Mount / Through-hole) | | **Control Method** | Fixed Frequency PWM | | **Supply Voltage (Vcc)** | Typically 10V to 25V operating range | | **Protection Features** | OVP (Over Voltage), OCP (Over Current), OTP (Thermal) | | **Output Drive** | Totem-pole output for direct MOSFET gate drive | --- ## 2. Key Electronic Features ### A. Current-Mode Control Unlike voltage-mode controllers, the M60018KVCK-R monitors the current through the switching element. This allows for: * Faster response to input voltage changes. * Inherent cycle-by-cycle current limiting. * Simplified feedback loop compensation. ### B. Startup Mechanism The IC usually includes a "Start-up Circuit" that draws initial power from the high-voltage rail through a resistor. Once the IC begins switching, it transitions to a self-supply mode via an auxiliary winding on the transformer to increase efficiency. ### C. Burst Mode Operation During light-load or standby conditions, the IC enters a "Burst Mode." This reduces the switching frequency to minimize switching losses, helping the power supply meet strict energy-saving standards (like Energy Star). --- ## 3. Typical Application Circuit Components When looking at a PCB containing the M60018KVCK-R, you will find several peripheral electronic parts: 1. **Vcc Capacitor:** A small electrolytic capacitor that stabilizes the supply voltage to the IC. 2. **Sense Resistor ($R_{sense}$):** A low-ohm resistor connected to the Source of the external MOSFET to provide current feedback to the IC. 3. **Optocoupler:** Usually connected to the Feedback (FB) pin to provide galvanic isolation between the high-voltage primary and low-voltage secondary sides. 4. **Snubber Network:** Diodes and capacitors used to suppress high-voltage spikes generated by the transformer leakage inductance. --- ## 4. Usage Summary The **M60018KVCK-R** is the "brain" of a power supply. It monitors the output voltage and adjusts the duty cycle of the power MOSFET to keep the output constant regardless of load changes. It is highly valued for its integrated protection features which prevent the power supply from catching fire or damaging the connected device during a short circuit.
    ✨ Follow-up Questions
    • ⤷ What are the pin configurations for the M60018KVCK-R?
    • ⤷ Can this IC be used in both Flyback and Forward converter topologies?
    • ⤷ What are the common failure symptoms of this PWM controller in a power supply?