Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • M60018GVCK-R

  • AI
    The **M60018GVCK-R** is a specific part number typically associated with high-performance electronic components, often found in specialized industrial or computing hardware (such as server-grade power modules or voltage regulators). Below is a breakdown of the electronic characteristics and technical context for this type of component. --- ### 1. Component Overview Components with this naming convention are generally **Voltage Regulator Modules (VRMs)** or **High-Current Power Modules**. They are designed to convert a standard input voltage into a highly stable, lower voltage required by microprocessors or high-end FPGAs. | Feature | Description | | :--- | :--- | | **Category** | Power Management IC (PMIC) / Voltage Regulator | | **Application** | Data Centers, Industrial PC, Server Motherboards | | **Mounting Type** | Surface Mount (SMD) / Land Grid Array (LGA) | | **Primary Function** | DC-to-DC Conversion | ### 2. Key Electronic Specifications While specific datasheets can vary by manufacturer (often proprietary to brands like Delta or Vicor), these parts generally share the following electronic attributes: * **High Current Density:** Capable of delivering 30A to 100A+ in a very small footprint. * **Multi-Phase Support:** Often operates in a multi-phase configuration to reduce output ripple and heat. * **Precision Output:** Offers extremely low voltage tolerances (often within ±1%) to protect sensitive silicon. * **I2C/PMBus Communication:** Usually features digital interfaces for real-time monitoring of current, temperature, and voltage. ### 3. Pinout and Physical Characteristics The "GVCK-R" suffix often denotes specific packaging and environmental compliance: * **G:** Usually refers to a specific Lead-Free or Green halogen-free standard. * **V/C:** Often denotes temperature range (Commercial or Industrial grade). * **-R:** Typically indicates **RoHS Compliance** (Restriction of Hazardous Substances) and that the part is supplied on a **Tape and Reel** for automated assembly. ### 4. Typical Circuit Integration In a standard circuit, the M60018GVCK-R would be surrounded by the following passive components: ```c [Input: 12V DC] | ▼ [Input Capacitors (Bulk/Ceramic)] | ▼ [ M60018GVCK-R Module ] <--- (Control via PWM/PMBus) | ▼ [ Power Inductors ] | ▼ [Output: 0.8V - 1.8V DC to CPU/GPU] ``` --- ### 5. Troubleshooting and Handling Because these are high-current devices, they are sensitive to: 1. **Thermal Throttling:** Ensure the thermal pad is properly soldered to a large copper ground plane. 2. **ESD Sensitivity:** Must be handled in an Electrostatic Discharge (ESD) safe environment. 3. **Reflow Profile:** The "-R" suffix implies specific soldering temperature curves must be followed to avoid damaging the internal logic.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the M60018GVCK-R?
    • ⤷ Which manufacturers produce this specific part number?
    • ⤷ Can this part be used in consumer-grade electronics?