M5VF-F4W-R
AI

The **M5VF-F4W-R** is a specific model within the **M5VF** series of high-precision electronic pressure sensors/transmitters, typically manufactured by companies like **Nidec Copal Electronics**. These devices are designed for industrial applications requiring vacuum and positive pressure monitoring.
### 1. Part Number Breakdown
Understanding the suffix codes helps identify the specific electronic characteristics of this part:
| Code Segment | Description |
| :--- | :--- |
| **M5VF** | Series designation (Micro Pressure Sensor) |
| **F4W** | Pressure Range and Output Type (typically ±100kPa or specific vacuum range) |
| **R** | RoHS Compliant / Specific Terminal/Port configuration |
---
### 2. Key Electronic Components and Features
The M5VF series utilizes a combination of mechanical and solid-state electronic components to convert pressure into a measurable signal.
#### A. Sensing Element (Piezoresistive Die)
At the heart of the device is a **silicon piezoresistive element**. When pressure is applied to the diaphragm, the resistance of the embedded bridge circuit changes proportionally.
#### B. Signal Conditioning (ASIC)
The raw millivolt signal from the bridge is processed by an internal **Application-Specific Integrated Circuit (ASIC)**. This chip performs:
* **Amplification:** Boosting the weak sensor signal.
* **Temperature Compensation:** Correcting errors caused by thermal expansion/contraction of the sensor body.
* **Linearization:** Ensuring the output voltage is a straight-line representation of the input pressure.
#### C. Output Interface
The electronic output is usually an **Analog Voltage Output**.
* **Common Range:** 1V to 5V DC.
* **Supply Voltage:** Typically operates on a 12V to 24V DC power rail.
---
### 3. Technical Specifications
Below are the typical electronic ratings for the F4W variants:
| Parameter | Specification |
| :--- | :--- |
| **Rated Pressure Range** | -100 to 100 kPa (Compound) |
| **Power Supply Voltage** | 10.8V to 26.4V DC |
| **Current Consumption** | < 15 mA |
| **Output Voltage** | 1 to 5V (±0.1V offset) |
| **Accuracy** | ±1% to ±2% F.S. (Full Scale) |
| **Insulation Resistance** | 100 MΩ min (at 500V DC) |
---
### 4. Circuit Connection Diagram
The device usually features a 3-wire or 4-wire interface. Below is the standard electronic wiring logic:
```text
[ Power Source + ] ---- (Brown Wire) ---- [ Vcc Input ]
[ Power Source - ] ---- (Blue Wire ) ---- [ Common/GND ]
[ Controller/PLC ] ---- (White Wire) ---- [ Analog Out ]
```
---
### 5. Application Areas
Because of its high reliability and precision electronics, the M5VF-F4W-R is used in:
* **Semiconductor manufacturing:** Monitoring vacuum levels in pick-and-place machines.
* **Industrial Automation:** Air pressure monitoring in pneumatic cylinders.
* **Medical Equipment:** Monitoring suction levels in laboratory environments.
- ⤷
What is the pinout configuration for the M5VF-F4W-R connector?
- ⤷ How do I calibrate the 0V to 5V analog output for a PLC?
- ⤷ What are the environmental protection ratings (IP) for this specific sensor?