M5RJ86RQJ-R
AI

The **M5RJ86RQJ-R** is a specific electronic component identifier, typically associated with specialized connectors or cable assemblies used in high-speed data transmission and automotive electronics. Below is a breakdown of its technical profile.
---
### 1. General Overview
This part number usually refers to a **FAKRA (Fachkreis Automobil)** or high-frequency connector variant. These are industry-standard connectors designed for automotive applications to ensure safety and signal integrity under harsh conditions.
### 2. Technical Specifications
The following table outlines the typical characteristics of parts within this series:
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | FAKRA / Coaxial |
| **Gender** | Jack (Female) / Plug (Male) - depending on suffix |
| **Impedance** | 50 Ohms (Standard) |
| **Frequency Range** | DC up to 6 GHz |
| **Mounting Type** | SMT (Surface Mount) or Through-Hole |
| **Orientation** | Right Angle (indicated by "R" in many naming conventions) |
| **Coding** | Mechanical keying (A, B, C, etc., for specific colors/functions) |
### 3. Key Electronic Components & Materials
* **Housing:** High-temperature plastic (LCP or Nylon) capable of withstanding lead-free reflow soldering.
* **Contacts:** Phosphor bronze or brass, typically plated with **Gold (Au)** over Nickel for superior conductivity and corrosion resistance.
* **Shielding:** Zinc alloy or copper alloy shell to prevent Electromagnetic Interference (EMI).
* **Locking Mechanism:** Primary and secondary locking systems to prevent accidental disconnection due to vehicle vibration.
### 4. Common Applications
These parts are vital for the modern vehicle's electronic ecosystem:
1. **GPS/Navigation:** Connecting antennas to the head unit.
2. **ADAS (Advanced Driver Assistance Systems):** High-speed data from cameras and radar sensors.
3. **Telematics:** LTE/5G cellular connectivity modules.
4. **Infotainment:** Satellite radio and digital television signals.
---
### 5. Identification Code Breakdown (General Logic)
While specific to the manufacturer (often associated with brands like **JAE** or **Rosenberger** style), the suffix often denotes:
* **-R:** Usually signifies **Right Angle** orientation or **Reel** packaging.
* **M5:** Often refers to the series generation or mechanical interface size.
---
- ⤷What is the specific manufacturer for the M5RJ86RQJ-R part number?
- ⤷ Can you provide the footprint dimensions for PCB layout?
- ⤷ What are the mechanical coding colors associated with this connector?