Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • M5R86XP-R

  • AI
    The **M5R86XP-R** refers to a high-performance, integrated core board (System on Module) typically based on the **Rockchip RK3588** series. This hardware is designed for intensive computing tasks such as AI, edge computing, and high-resolution video processing. --- ### 1. Core Technical Specifications The electronics of the M5R86XP-R are centered around high-speed data processing and extensive I/O capabilities. | Component | Specifications | | :--- | :--- | | **Main Processor (SoC)** | Rockchip RK3588 (8-core: 4× Cortex-A76 & 4× Cortex-A55) | | **GPU** | ARM Mali-G610 MP4 (Supports OpenGL ES 3.2, OpenCL 2.2, Vulkan 1.1) | | **NPU (AI Accelerator)** | 6.0 TOPs (Supports INT4/INT8/INT16/FP16) | | **Memory (RAM)** | 4GB / 8GB / 16GB / 32GB LPDDR4x or LPDDR5 | | **Storage (eMMC)** | 16GB / 32GB / 64GB / 128GB eMMC 5.1 | | **Video Decoding** | 8K@60fps H.265/VP9/AV1 | | **Video Encoding** | 8K@30fps H.264/H.265 | --- ### 2. Electronic Sub-Systems #### A. Power Management Unit (PMU) The board utilizes a dedicated PMIC (Power Management Integrated Circuit), usually the **RK806**, to manage the complex voltage requirements of the SoC. It handles: - Multi-channel DC-DC conversion. - Dynamic Voltage Frequency Scaling (DVFS) to optimize power consumption based on load. #### B. High-Speed Interfaces The "R" suffix often denotes specific ruggedness or connector configurations. The electronic layout supports: * **PCIe 3.0:** High-speed lanes for NVMe SSDs or Wi-Fi 6 modules. * **MIPI-CSI/DSI:** Multiple lanes for 4K/8K camera inputs and display outputs. * **Ethernet:** Dual Gigabit Ethernet PHYs for networking. #### C. Thermal Design Due to the high clock speeds of the A76 cores (up to 2.4GHz), the electronic design includes: - Thermal vias in the PCB layout to conduct heat to the bottom/top layers. - Integration points for active or passive heatsinks. --- ### 3. Application Areas Because of the powerful NPU and GPU, this part is used in: 1. **Autonomous Vehicles:** Real-time object detection and path planning. 2. **Edge AI Servers:** Local processing of multiple IP camera streams. 3. **High-End Digital Signage:** Driving multiple 4K displays or a single 8K display. 4. **ARM Servers:** Cloud computing and virtualization. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific power requirements (Voltage/Amperage) for the M5R86XP-R?
    • ⤷ Does this module support dual-system boot
    • ⤷ such as Android and Ubuntu?
    • ⤷ Which wireless modules are compatible with the PCIe interface on this board?