Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • M5R64TPJ-R

  • AI
    The **M5R64TPJ-R** is a high-performance **Surface Mount Device (SMD) Power Inductor**, typically manufactured by companies like **Coilmaster Electronics**. These components are essential in modern power management circuits for energy storage and noise filtering. --- ### 1. Specifications Overview Based on the part numbering convention for this series, here are the technical characteristics: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Shielded SMD Power Inductor | | **Inductance** | 5.6 µH (Standard for '5R6' code) | | **Tolerance** | ±20% (Typical for 'M' prefix) | | **Construction** | Metal Alloy / Magnetic Shielded | | **Mounting Type** | Surface Mount (SMT) | | **Operating Temp** | -40°C to +125°C | --- ### 2. Key Features * **Magnetic Shielding:** The "TPJ" series is usually shielded, which minimizes electromagnetic interference (EMI) with surrounding components. * **High Current Handling:** Designed to handle high saturation currents without a significant drop in inductance. * **Low DC Resistance (DCR):** Engineered with thick copper windings to minimize power loss and heat generation. * **Compact Footprint:** Optimized for high-density PCB layouts common in mobile and consumer electronics. --- ### 3. Functional Applications The M5R64TPJ-R is primarily used in **DC-DC Converters** and voltage regulation modules. Its specific roles include: 1. **Energy Storage:** In switching regulators (Buck/Boost), it stores energy in its magnetic field during the "ON" cycle and releases it during the "OFF" cycle. 2. **Smoothing/Filtering:** Acts as a low-pass filter to smooth out ripple current from high-frequency switching power supplies. 3. **Decoupling:** Used to prevent high-frequency noise from traveling between different sections of a circuit. --- ### 4. Typical Usage Environments * **Consumer Electronics:** Laptops, tablets, and gaming consoles. * **Telecommunications:** Base stations and networking hardware. * **Industrial:** Power modules and LED lighting drivers. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum saturation current for the M5R64TPJ-R?
    • ⤷ How does the 'R' suffix affect the packaging or compliance of this part?
    • ⤷ What are the physical dimensions of the M5R64 series footprint?