Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • M5R64TLJ-R

  • AI
    The **M5R64TLJ-R** is a specific surface-mount electronic component, typically identified as a **Power Inductor**. These parts are crucial in power management circuits, specifically within DC-DC converters. ### Technical Specifications Based on standard industry nomenclature for this series, here are the primary technical characteristics: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Fixed Power Inductor | | **Inductance** | 0.64 µH (indicated by "R64") | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Construction** | Metal Composite / Shielded | | **Tolerance** | Usually ±20% | | **Core Material** | Iron Powder or Metal Alloy (High Saturation) | --- ### Key Features * **High Saturation Current:** The "Metal Composite" construction allows the inductor to handle high peak currents without the inductance dropping significantly (magnetic saturation). * **Magnetic Shielding:** The design minimizes Electromagnetic Interference (EMI), which is vital for densely packed circuit boards like those in laptops or smartphones. * **Low DCR (DC Resistance):** This part is designed to have very low internal resistance to minimize power loss as heat, improving the overall efficiency of the power supply. * **Compact Footprint:** Designed for automated "pick and place" assembly processes. ### Common Applications The M5R64TLJ-R is generally found in high-efficiency power stages: 1. **Voltage Regulator Modules (VRMs):** Used in CPU/GPU power delivery. 2. **Point of Load (POL) Converters:** Converting a main power rail (like 12V) down to lower voltages (1.2V, 3.3V, etc.). 3. **Consumer Electronics:** High-end tablets, laptops, and SSD controllers where space is limited but current demand is high. ### Understanding the Part Number * **R64:** Represents the inductance value. The "R" acts as a decimal point, resulting in **0.64 microhenries (µH)**. * **TLJ-R:** Usually refers to the specific packaging series, terminal finish, and "RoHS" compliance (Lead-free). ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum saturation current for the M5R64 series?
    • ⤷ How does a metal composite inductor differ from a ferrite core inductor?
    • ⤷ Which manufacturers produce equivalents to the M5R64TLJ-R?