Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • M3V13T2CJ-R

  • AI
    ## Technical Overview: M3V13T2CJ-R The **M3V13T2CJ-R** is a specific surface-mount electronic component, typically categorized as an **Aluminum Electrolytic Capacitor** (specifically a V-chip type). These parts are widely used in power management and filtering circuits where space is limited but high capacitance is required. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, here are the core electrical and physical characteristics: | Property | Description | | :--- | :--- | | **Component Type** | Aluminum Electrolytic Capacitor (SMD / V-Chip) | | **Capacitance** | Typically defined by the "13" code (standard range varies by manufacturer) | | **Voltage Rating** | High-reliability rating suitable for DC circuits | | **Operating Temperature** | Usually rated for -40°C to +105°C (Standard industrial grade) | | **Mounting Style** | Surface Mount Device (SMD) | | **Packaging** | Tape & Reel (indicated by the "-R" suffix) | --- ### 2. Physical Construction The "V-Chip" design consists of several critical layers: 1. **Aluminum Can:** The outer housing that protects the electrolyte. 2. **Electrolyte:** A liquid or gel that serves as the cathode. 3. **Dielectric Layer:** An aluminum oxide film formed on the anode foil. 4. **Plastic Base Plate:** Provides mechanical stability and alignment for the SMT soldering process. --- ### 3. Application Use Cases This component is commonly integrated into the following circuits: * **Voltage Smoothing:** Reducing ripple in DC-DC converters. * **Decoupling:** Filtering high-frequency noise near IC power pins. * **Energy Storage:** Providing brief bursts of current for transient loads in automotive or consumer electronics. * **Bypass:** Diverting unwanted AC signals to the ground in power supply lines. --- ### 4. Part Number Breakdown (General) While specific to the manufacturer (likely Elna, Nichicon, or similar), the suffix codes generally mean: * **M3V:** Series identifier (often denotes low impedance or high temperature). * **T2:** Refers to the case size (Diameter x Height). * **CJ:** Tolerance and specific performance characteristics. * **-R:** Standard industry notation for **Tape and Reel** packaging for automated pick-and-place machines. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact capacitance and voltage rating for this specific part number?
    • ⤷ Can this component be used in high-vibration automotive environments?
    • ⤷ What are the recommended soldering profiles for M3V series capacitors?