Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • M3T-28DP-WS

  • AI
    ## Overview of the M3T-28DP-WS The **M3T-28DP-WS** is a specialized electronic hardware component, specifically a **converter board (adapter)** manufactured by Renesas Electronics. It is designed to bridge the connection between an emulator and a target system for debugging and programming microcontrollers. --- ### 1. Primary Function and Purpose The M3T-28DP-WS acts as a physical interface adapter. Its primary role is to convert the pin pitch and layout of an emulator probe to match the 28-pin foot pattern on a target PCB (Printed Circuit Board). | Feature | Specification | | :--- | :--- | | **Manufacturer** | Renesas Electronics | | **Component Type** | Emulation Adapter / Converter Board | | **Pin Count** | 28 Pins | | **Target Package** | 28-pin SDIP (Shrink Dual In-line Package) | | **Compatible Tools** | E8, E8a, or older M3T emulators | --- ### 2. Physical Characteristics As an adapter board, it consists of several high-precision sub-components: * **Header Pins:** High-quality gold-plated pins that ensure low-resistance contact between the emulator and the board. * **PCB Substrate:** A multi-layer FR-4 board designed to maintain signal integrity for high-speed clock signals used during debugging. * **Standard Spacing:** Typically converts a standard 2.54mm pitch to the 1.778mm pitch required by "Shrink" DIP packages. --- ### 3. Application Workflow The M3T-28DP-WS is used in the development lifecycle of 8-bit or 16-bit microcontrollers (such as the **740 family** or **M16C series**). 1. **Emulator Connection:** The user connects the emulator ribbon cable to the top of the M3T-28DP-WS. 2. **Target Connection:** The bottom pins of the M3T-28DP-WS are inserted into a 28-pin socket on the user's prototype hardware. 3. **Operation:** It allows the engineer to run code in "Real-Time" while monitoring registers and memory via the PC software. --- ### 4. Technical Comparison How this part compares to standard IC sockets: | Aspect | Standard 28-pin Socket | M3T-28DP-WS Adapter | | :--- | :--- | :--- | | **Purpose** | Holds a permanent IC | Facilitates temporary debugging | | **Signal Routing** | 1:1 Straight through | Specialized mapping for emulator signals | | **Durability** | Low insertion cycles | High-durability for repeated lab use | ---
    ✨ Follow-up Questions
    • ⤷ Which specific Renesas microcontroller families is the M3T-28DP-WS compatible with?
    • ⤷ What are the differences between the M3T-28DP-WS and the M3T-28DP-NB?
    • ⤷ Are there specific wiring diagrams available for mapping the 28-pin SDIP layout?