Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • M3H57TCG-R

  • AI
    The **M3H57TCG-R** is a specific part number belonging to the **M3H series** of microcontrollers developed by **Toshiba**. This series is based on the ARM® Cortex®-M3 core and is designed for high-performance motor control and industrial applications. --- ### 1. Key Technical Specifications Below are the primary electronic characteristics of the M3H57TCG-R: | Parameter | Specification | | :--- | :--- | | **Core Architecture** | ARM® Cortex®-M3 | | **Maximum Frequency** | 120 MHz | | **Flash Memory** | 128 KB | | **RAM** | 16 KB | | **Operating Voltage** | 2.7V to 5.5V | | **Package Type** | LQFP100 (14x14mm) | | **I/O Pins** | 87 Pins | | **Temperature Range** | -40°C to 85°C | --- ### 2. Specialized Peripheral Features This microcontroller is engineered for precision control tasks. Its electronic architecture includes: * **Advanced Programmable Motor Control (A-PMD):** A dedicated hardware block that simplifies the generation of three-phase PWM signals for motor driving. * **High-Speed ADC:** Includes a 12-bit Analog-to-Digital Converter capable of high-speed conversion (approx. 1.0 $\mu$s), essential for sensor feedback loops. * **Vector Engine (VE):** While specific to certain M3H sub-models, this series often incorporates hardware acceleration for vector control calculations (Park/Clarke transformations). * **Communication Interfaces:** * **UART:** 6 channels * **I2C:** 2 channels * **TSPI (Serial Peripheral Interface):** 4 channels --- ### 3. Application Use Cases The electronic design of the M3H57TCG-R makes it ideal for the following sectors: 1. **Consumer Electronics:** Washing machines, air conditioners, and refrigerators (specifically for compressor/fan control). 2. **Industrial Automation:** Small-to-medium power motor drives and PLC (Programmable Logic Controller) modules. 3. **Office Equipment:** High-precision printers and scanners. --- ### 4. Part Number Breakdown (Typical) The suffix codes generally denote the following: * **M3H:** Product Group (ARM Cortex-M3 High-performance). * **57:** Functional Subset/Feature set. * **T:** Temperature/Voltage Grade. * **CG:** Package code (LQFP). * **-R:** Usually indicates "Tape and Reel" packaging for automated assembly.
    ✨ Follow-up Questions
    • ⤷ What are the power consumption characteristics of the M3H57TCG-R in sleep mode?
    • ⤷ Does this microcontroller support CAN bus communication?
    • ⤷ How does the Advanced Programmable Motor Control (A-PMD) differ from standard PWM?