M3H52FAG-R
AI

The **M3H52FAG-R** is a high-performance power MOSFET (Metal-Oxide-Semiconductor Field-Effect Transistor) manufactured by **Magnachip Semiconductor**. It is primarily designed for high-efficiency power management and switching applications.
---
### 1. Key Technical Specifications
The following table outlines the fundamental electrical characteristics of the component:
| Parameter | Symbol | Typical Value/Rating |
| :--- | :--- | :--- |
| **Drain-Source Voltage** | $V_{DSS}$ | 30V |
| **Continuous Drain Current** | $I_D$ | ~52A (varies by thermal design) |
| **RDS(on) Max (at Vgs=10V)** | $R_{DS(ON)}$ | ~5.0 - 6.5 mΩ |
| **Gate-Source Voltage** | $V_{GSS}$ | ±20V |
| **Package Type** | PDFN33 | Surface Mount (3x3mm) |
---
### 2. Physical and Structural Parts
The "parts" or internal structure of the M3H52FAG-R include:
* **Trench Gate Technology:** This MOSFET uses a trench structure to reduce the "on-resistance" ($R_{DS(ON)}$), allowing for higher current density and lower heat generation.
* **PDFN33 Package:** A small-form-factor leadless package (3mm x 3mm) that provides excellent thermal dissipation despite its size.
* **Source/Drain Leads:** Large copper contact pads on the bottom of the package designed for high-current flow and heat sinking to the PCB.
---
### 3. Functional Features
* **Low Gate Charge ($Q_g$):** This allows for high-speed switching, reducing power loss during the transition between ON and OFF states.
* **AEC-Q101 Compliance (Optional):** Many parts in this series are rated for automotive use, though the "-R" suffix usually denotes "Tape and Reel" packaging.
* **Logic Level Drive:** It can be fully turned on with low gate voltages, making it compatible with many microcontrollers and PWM controllers.
---
### 4. Common Applications
Due to its high current handling and low resistance, it is found in:
1. **DC-DC Converters:** Point-of-load power supplies for motherboards and servers.
2. **Battery Management Systems (BMS):** Protection circuits for Li-ion battery packs.
3. **Motor Drivers:** Controlling small DC motors in consumer electronics.
4. **Load Switches:** Turning high-current peripherals on or off.
---
- ⤷
What is the maximum operating temperature for the M3H52FAG-R?
- ⤷ How does the RDS(on) change if the gate voltage is reduced to 4.5V?
- ⤷ What are the recommended PCB footprint dimensions for the PDFN33 package?