Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • M3H52FAD-R

  • AI
    The **M3H52FAD-R** belongs to the **TOSHIBA TXZ+™ Family Advanced Class** based on the ARM® Cortex®-M3 core. It is a high-performance microcontroller (MCU) designed primarily for motor control and industrial automation applications. --- ### 1. Core Technical Specifications The device is built on a high-efficiency architecture that balances processing power with low power consumption. | Feature | Specification | | :--- | :--- | | **Core** | ARM® Cortex®-M3 | | **Maximum Frequency** | 120 MHz | | **Flash Memory** | 128 KB (Code) + 32 KB (Data) | | **SRAM** | 16 KB | | **Operating Voltage** | 2.7V to 5.5V | | **Package** | LQFP64 (10mm x 10mm) | --- ### 2. Key Peripheral Modules The "M3H" series is specifically optimized for hardware-level control of physical systems. * **Advanced Programmable Motor Control (A-PMD):** This is a specialized hardware block that handles 3-phase PWM output. It is designed to drive brushless DC (BLDC) motors with minimal CPU intervention. * **High-Speed Analog-to-Digital Converter (ADC):** Features a 12-bit ADC with high-speed conversion (approx. 1.6 µs), essential for sensing current and voltage in real-time control loops. * **Advanced Encoder Input (A-ENC):** Supports incremental encoders, allowing the MCU to track motor position and speed accurately. * **Communication Interfaces:** Standard industrial protocols including UART, I2C, and TSPI (Toshiba Serial Peripheral Interface). --- ### 3. Application Areas Due to its 5V operation capability and motor-specific peripherals, it is commonly found in: 1. **Consumer Electronics:** Washing machines, refrigerators, and air conditioners (inverter control). 2. **Industrial Equipment:** Small pumps, fans, and conveyor belt controllers. 3. **Office Automation:** High-precision printers and scanners. --- ### 4. Part Number Breakdown Understanding the suffix and prefix helps in identifying specific variants: * **M3H:** ARM Cortex-M3 High-performance Group. * **52:** Functional subset (indicates specific peripheral mix). * **F:** Flash memory type. * **AD:** Pin count and memory size indicator. * **-R:** Generally indicates the packing method (Tape and Reel). ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the M3H series and the M4K motor control series?
    • ⤷ Can you provide a code snippet for initializing the A-PMD module on this MCU?
    • ⤷ What development tools or IDEs are recommended for the M3H52FAD-R?