M3H51TAG-R
AI

The **M3H51TAG-R** belongs to the **M3H Group** of the **TXZ+™ Family Advanced Class** microcontrollers developed by **Toshiba**. These are high-performance 32-bit microcontrollers based on the ARM® Cortex®-M3 core, designed specifically for motor control and consumer/industrial equipment.
---
## 1. Core Technical Specifications
The M3H51TAG-R is characterized by its balance of processing power and power efficiency.
| Feature | Specification |
| :--- | :--- |
| **Core** | ARM® Cortex®-M3 |
| **Maximum Frequency** | 120 MHz |
| **Flash Memory (Code)** | 128 KB |
| **RAM** | 16 KB |
| **Operating Voltage** | 2.7V to 5.5V |
| **Package Type** | LQFP64 (10mm x 10mm) |
| **Temperature Range** | -40°C to 85°C |
---
## 2. Key Internal Peripherals
The "TAG-R" variant includes specific hardware blocks optimized for precision tasks:
### A. Analog Capabilities
* **12-bit ADC:** High-speed Analog-to-Digital converter (approx. 1.5 $\mu$s conversion time) used for sensor feedback.
* **8-bit DAC:** Used for generating analog reference signals.
### B. Motor Control Logic
* **A-PMD (Advanced Programmable Motor Driver):** A specialized hardware block that controls 3-phase motors. It supports PWM (Pulse Width Modulation) generation with dead-time insertion.
* **A-ENC (Advanced Encoder Input Circuit):** Supports 2-phase/3-phase incremental encoders, essential for detecting motor position and speed.
### C. Communication Interfaces
* **UART:** Up to 4 channels for serial communication.
* **I2C / SIO:** For interfacing with EEPROMs or digital sensors.
* **TSPI:** Toshiba Serial Peripheral Interface (high-speed SPI).
---
## 3. Part Number Breakdown
Understanding the nomenclature helps identify the exact hardware capabilities:
* **M3H:** Part of the TXZ+ Family (Cortex-M3 High-speed).
* **5:** Functional subset (indicates specific peripheral mix).
* **1:** Flash Memory size (1 = 128KB).
* **T:** Temperature range/Package variant.
* **AG:** Package code (LQFP64).
* **-R:** Indicates tape and reel packaging (commercial shipping format).
---
## 4. Typical Applications
Due to its integrated motor control hardware, the M3H51TAG-R is commonly found in:
1. **Home Appliances:** Washing machines, refrigerators (compressor control), and air conditioners.
2. **Industrial Automation:** Small pump controllers and fans.
3. **Consumer Electronics:** High-end office equipment and power tools.
- ⤷
What are the power consumption profiles for the M3H51TAG-R in sleep mode?
- ⤷ Does this microcontroller support functional safety standards like IEC 60730?
- ⤷ Compare the M3H51TAG-R with the higher-memory M3H52 variants.