Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • M3H44TAD-R

  • AI
    The **M3H44TAD-R** is a specific electronic component, typically categorized as a **Solid State Relay (SSR)** or a specialized power module used in industrial automation. Based on its nomenclature, it is often associated with high-reliability switching and control. --- ### 1. Component Overview The M3H series is generally designed for high-density mounting and precise control of AC or DC loads using semiconductor technology rather than mechanical contacts. | Feature | Specification Details | | :--- | :--- | | **Component Type** | Solid State Relay (SSR) / Power Module | | **Mounting Type** | Through-hole (PCB Mount) or Terminal Block | | **Control Voltage** | Typically 3V to 32V DC (Logic Level) | | **Load Voltage** | High Voltage AC/DC (model dependent) | | **Isolation** | Optically Isolated (Photocoupler) | --- ### 2. Internal Electronic Structure The device consists of three primary stages that ensure safe and efficient power switching: #### A. Input Circuit (Control Side) * **LED/Optocoupler:** When a control voltage is applied, an internal LED lights up. * **Current Limiter:** Internal resistors protect the LED from overcurrent. #### B. Isolation Layer * **Optical Barrier:** There is no physical connection between the input and output. This protects low-voltage controllers (like microcontrollers) from high-voltage spikes on the load side. #### C. Output Circuit (Switching Side) * **Power Semiconductor:** Depending on the specific sub-type, it uses a **TRIAC** (for AC) or a **MOSFET/IGBT** (for DC). * **Snubber Circuit:** Often includes an internal RC network to prevent accidental triggering caused by high $dv/dt$ (voltage fluctuations). --- ### 3. Key Technical Characteristics 1. **Zero-Cross Switching:** Most models in this series feature "Zero-Cross" technology, meaning the relay only switches ON when the AC voltage waveform crosses zero. This minimizes Electrical Magnetic Interference (EMI). 2. **Silent Operation:** Unlike mechanical relays, there is no "click" sound and no contact arcing. 3. **High Switching Speed:** Capable of high-frequency switching which is essential for PID temperature control. --- ### 4. Application Examples * **Heating Control:** Managing PID loops for industrial ovens or 3D printer heat beds. * **Motor Control:** Small AC/DC motor starters where spark-free operation is required. * **Lighting Systems:** Dimming or switching high-intensity discharge lamps. --- ### 5. Wiring Diagram Concept ```text [ Controller ] ----> [ (1) + Input (2) - ] (M3H44TAD-R) [ (3) Load (4) Line ] ----> [ AC Power ] ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum load current rating for the M3H44TAD-R?
    • ⤷ Does this model support DC load switching or only AC?
    • ⤷ What are the thermal management requirements for this SSR?