Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • M3H42FCD-R

  • AI
    Based on technical specifications, the **M3H42FCD-R** belongs to the **M3H Group** of the **TXZ+™ Family Advanced Class** microcontrollers manufactured by **Toshiba**. These are high-performance MCUs built on the ARM® Cortex®-M3 core, designed specifically for consumer electronics and industrial motor control. --- ### 1. Key Technical Specifications The "M3H42FCD-R" alphanumeric code represents specific hardware attributes: | Feature | Specification | | :--- | :--- | | **Core Architecture** | ARM® Cortex®-M3 | | **Maximum Frequency** | 120 MHz | | **Flash Memory** | 256 KB | | **RAM (SRAM)** | 32 KB | | **Operating Voltage** | 2.7V to 5.5V | | **Package Type** | LQFP100 (14mm x 14mm) | | **Operating Temp** | -40°C to 85°C | --- ### 2. Specialized On-Chip Peripherals This part is distinguished by its high-speed analog capabilities and motor control timers: * **A/D Converter (ADC):** Features a 12-bit High-speed ADC (approx. 1.5μs conversion time) with up to 21 channels. * **Motor Control:** Includes an Advanced Programmable Motor Control (A-PMD) circuit capable of 3-phase PWM output. * **Communication Interfaces:** * **UART:** 6 Channels * **I2C:** 3 Channels * **TSPI (SPI):** 4 Channels * **Safety Features:** Includes a hardware CRC (Cyclic Redundancy Check) and a Watchdog Timer for system reliability. --- ### 3. Pinout and Physical Attributes The "FCD" suffix typically denotes the memory density and package configuration, while the "R" indicates the packing style (usually Tape & Reel). #### Power Management Code Example To initialize the system clock on this architecture using a CMSIS-style header, a developer might see code structured like this: ```c /* Basic Clock Configuration for M3H Series */ void SystemClock_Config(void) { TSB_CG_PLLSEL_PLLON = 1; // Enable PLL while(TSB_CG_PLLSEL_PLLST == 0); // Wait for PLL to stabilize TSB_CG_SYS_CKSEL = 0x01; // Set System Clock to PLL output } ``` --- ### 4. Typical Applications Due to its 5V operation capability and high-speed timers, the M3H42FCD-R is commonly found in: 1. **Home Appliances:** Washing machines, air conditioners (inverter control). 2. **Industrial Equipment:** Small-scale PLC units and motor drivers. 3. **Consumer Devices:** Office automation equipment.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the M3H group and the M4K group in Toshiba's TXZ+ family?
    • ⤷ Does this microcontroller support CAN bus communication?
    • ⤷ What development tools or IDEs are recommended for programming the M3H42FCD-R?