Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • M3H26FBD-R

  • AI
    The **M3H26FBD-R** belongs to the **M3H Group** within Toshiba’s **TXZ+™ Family Advanced Series**. These are high-performance microcontrollers based on the ARM® Cortex®-M3 core, designed specifically for motor control and industrial automation. --- ### 1. Key Technical Specifications The following table outlines the core electronic characteristics of the M3H26FBD-R: | Feature | Specification | | :--- | :--- | | **Core** | ARM® Cortex®-M3 | | **Max Frequency** | 120 MHz | | **Flash Memory** | 512 KB | | **RAM** | 64 KB | | **Operating Voltage** | 2.7V to 5.5V | | **Package** | LQFP100 (14mm x 14mm) | | **Operating Temp** | -40°C to +85°C | --- ### 2. Specialized Functional Blocks The "R" suffix and "FBD" designation indicate specific hardware peripherals optimized for precision tasks: #### A. Advanced Programmable Motor Control (A-PMD) This is a dedicated circuit for controlling 3-phase motors. It supports: * Three-phase PWM output with dead-time insertion. * Synchronization with the Analog-to-Digital Converter (ADC). * Emergency stop input for hardware-level safety. #### B. High-Speed Analog Interfaces * **12-bit ADC:** Features a high conversion speed (approx. 1.5 µs) with multiple channels, allowing for simultaneous current sensing in motor phases. * **8-bit DAC:** Used for generating reference voltages or analog signal output. #### C. Connectivity and Communication * **UART/SIO:** 5 channels for serial communication. * **I2C:** 4 channels for sensor and EEPROM interfacing. * **TSPI:** 3 channels (Serial Peripheral Interface) for high-speed data transfer. --- ### 3. Application Use Cases Due to its integrated motor control hardware and 5V operation support, the M3H26FBD-R is commonly found in: 1. **Home Appliances:** Washing machines, air conditioners (inverter control), and refrigerators. 2. **Industrial Equipment:** Small-scale PLC logic, motor drivers, and pump controllers. 3. **Office Automation:** Precision control for high-end printers and scanners. --- ### 4. Part Number Breakdown Understanding the nomenclature: * **M3H:** ARM Cortex-M3 High-speed/High-functionality group. * **26:** Specific pin count and memory configuration code. * **FBD:** Refers to the LQFP (Low-profile Quad Flat Package) style. * **-R:** Generally indicates the packing style (e.g., Tape and Reel).
    ✨ Follow-up Questions
    • ⤷What are the primary differences between the M3H group and the M4K group in the TXZ+ series?
    • ⤷ Can this microcontroller be programmed using standard ARM CMSIS tools?
    • ⤷ Does the M3H26FBD-R include built-in hardware for CAN bus communication?