Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • M3E75XPA-R

  • AI
    The **M3E75XPA-R** belongs to a specialized category of electronic components, typically categorized under power management or interface modules, often used in industrial or communication systems. Below is a breakdown of the technical aspects and electronic parts associated with this type of component. --- ### 1. General Specifications The M3E series usually refers to high-frequency or high-reliability modules. The specific suffix "75XPA-R" defines its electrical characteristics. | Parameter | typical Description | | :--- | :--- | | **Component Type** | Power Converter / Signal Isolator | | **Input Range** | Varies by sub-model (often 18-36V or 36-75V DC) | | **Output Type** | Regulated DC Output | | **Mounting Style** | PCB Through-hole or Chassis Mount | | **RoHS Compliance** | Yes ("-R" suffix usually denotes RoHS compliance) | --- ### 2. Internal Electronic Architecture While specific internal schematics are proprietary, the "XPA" series generally utilizes the following electronic building blocks: #### A. Power Stage * **MOSFETs:** High-speed switching transistors used to convert DC to high-frequency AC for transformation. * **Transformer:** Provides galvanic isolation between the input and output stages, protecting sensitive downstream electronics. #### B. Control Circuitry * **PWM Controller:** A Pulse Width Modulation IC that regulates the output voltage by adjusting the duty cycle of the switching MOSFETs. * **Feedback Loop:** Uses an **Optocoupler** to send voltage information from the output side back to the input controller while maintaining isolation. #### C. Filtering Components * **LC Filters:** A combination of Inductors (L) and Capacitors (C) at the output to minimize ripple voltage and electromagnetic interference (EMI). * **TVS Diodes:** Transient Voltage Suppression diodes to protect against input voltage spikes. --- ### 3. Key Electronic Features * **Galvanic Isolation:** Prevents ground loops and protects the control logic from high-power surges. * **Thermal Protection:** Internal thermal shutdown circuits that trigger if the component exceeds its rated operating temperature (typically -40°C to +85°C). * **Over-Current Protection (OCP):** Limits the output current to prevent the internal traces and MOSFETs from burning out during a short circuit. --- ### 4. Application Context The "R" suffix specifically indicates that the materials used (solder, plating, and casing) meet the **Restriction of Hazardous Substances** standards, making it suitable for modern environmentally regulated manufacturing.
    ✨ Follow-up Questions
    • ⤷ What is the specific input/output voltage rating for the M3E75XPA-R?
    • ⤷ Are there alternative cross-reference parts for this module?
    • ⤷ What is the pinout configuration for soldering this to a PCB?