Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • M3E73ZPX-R

  • AI
    Based on the part number provided, the **M3E73ZPX-R** is a high-performance **Crystal Oscillator (XO)**, typically manufactured by companies like **Epson** or specialized timing component vendors. These parts are critical for providing stable clock signals in high-speed networking and telecommunications equipment. --- ### 1. Technical Specifications The table below outlines the primary electronic characteristics of this component series: | Parameter | Typical Specification | | :--- | :--- | | **Output Type** | LV-PECL (Low-Voltage Positive Emitter-Coupled Logic) | | **Frequency Range** | 10 MHz to 175 MHz (Varies by sub-model) | | **Supply Voltage** | 2.5V or 3.3V | | **Package Size** | 7.0 x 5.0 mm (6-pad SMD) | | **Jitter Performance** | Ultra-low Phase Jitter (typically < 0.3 ps) | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | --- ### 2. Key Internal Components The "Electronic Parts" within this integrated device include: * **AT-Cut Quartz Crystal:** The core vibrating element that determines the fundamental frequency. * **Oscillator IC:** A specialized CMOS integrated circuit that drives the crystal and regulates the output signal. * **Output Buffer:** Specifically designed for **LV-PECL** to ensure high-speed signal integrity over differential traces. * **Internal Bypass Capacitors:** Integrated to minimize power supply noise and improve EMI performance. --- ### 3. Pinout Configuration Standard 7050 (7.0x5.0mm) 6-pin layout: 1. **OE (Output Enable):** High for active output, Low for high impedance. 2. **NC:** No connection. 3. **GND:** Ground. 4. **OUT:** Positive output signal. 5. **$\bar{\text{OUT}}$:** Complementary (inverted) output signal. 6. **Vcc:** Supply voltage. --- ### 4. Application Logic Because this part uses LV-PECL logic, it requires a specific termination circuit to function correctly. Below is a conceptual representation of the termination: ```cpp // Typical Termination Requirement [Oscillator Out] ----> [50 Ohm Resistor] ----> [Vcc - 2V] [Oscillator /Out] ----> [50 Ohm Resistor] ----> [Vcc - 2V] ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between LV-PECL and LVDS in timing components?
    • ⤷ How does 'Phase Jitter' affect high-speed data transmission?
    • ⤷ Can you provide the specific frequency for the M3E73ZPX-R variant?