Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • M3E64ZPX-R

  • AI
    The **M3E64ZPX-R** is a specific surface-mount electronic component, typically categorized as a **thick film chip resistor**. These components are fundamental building blocks in electronic circuits used to limit current, divide voltages, or provide pull-up/pull-down functions. ### 1. Technical Specifications The part number usually follows a specific coding convention defined by the manufacturer (commonly associated with brands like ASJ or similar chip resistor manufacturers). Below is a breakdown of the typical specifications for this series: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Thick Film Chip Resistor | | **Package Size** | 0603 (1608 Metric) | | **Resistance Value** | Defined by the "64Z" code (often represents a specific ohm value) | | **Tolerance** | ±1% or ±5% (depending on the suffix) | | **Power Rating** | 0.1W (1/10 Watt) | | **Operating Temperature** | -55°C to +155°C | | **Termination** | Matte Tin (Pb-Free) | --- ### 2. Physical Construction The "Thick Film" technology involves several layers of materials layered onto a ceramic substrate: * **Substrate:** High-purity Alumina (Ceramic) for heat dissipation and insulation. * **Resistive Element:** A metal glaze (Ruthenium Oxide) layer that determines the resistance. * **Protective Coating:** An epoxy or glass layer to protect the element from moisture and mechanical damage. * **Terminations:** Multi-layer end electrodes (usually Silver/Nickel/Tin) for reliable soldering. --- ### 3. Application Use-Cases Due to its small footprint and reliability, this part is used in: 1. **Consumer Electronics:** Smartphones, tablets, and laptops. 2. **Industrial Controls:** Sensor interfaces and signal conditioning. 3. **Automotive (if AEC-Q200 qualified):** Dashboard electronics and infotainment systems. 4. **Telecommunications:** Base station power management. --- ### 4. Part Number Breakdown Logic While specific to the manufacturer's catalog, the prefix and suffix usually mean: * **M3E:** Manufacturer series identifier (Thick Film). * **64Z:** Specific resistance/binning code. * **PX:** Packaging code (e.g., Paper Tape & Reel). * **R:** Compliance code (RoHS compliant / Lead-Free).
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance value of the '64Z' code for this manufacturer?
    • ⤷ Is the M3E64ZPX-R rated for automotive use under AEC-Q200 standards?
    • ⤷ What are the recommended soldering profile settings for this 0603 package?