Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • M3A74FAA-R

  • AI
    The **M3A74FAA-R** is a specific surface-mount electronic component, categorized as a **Zener Diode** or a **Transient Voltage Suppressor (TVS)**, typically manufactured by companies like **PANJIT Semiconductor**. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The device is designed primarily for voltage regulation and protection of sensitive electronic circuits against overvoltage transients. | Feature | Specification | | :--- | :--- | | **Component Type** | Zener Diode | | **Package Type** | SMA (DO-214AC) | | **Mounting Style** | Surface Mount Device (SMD) | | **Polarity** | Polarized (Cathode band marked) | | **Typical Usage** | Voltage Stabilization / Clamping | --- ### 2. Electrical Characteristics The "74" in the part number often refers to the nominal Zener voltage. | Parameter | Value (Typical) | | :--- | :--- | | **Zener Voltage ($V_z$)** | ~7.4V to 7.5V | | **Power Dissipation ($P_d$)** | 3.0 Watts | | **Operating Temperature** | -55°C to +150°C | | **Storage Temperature** | -55°C to +150°C | --- ### 3. Key Electronic Functions 1. **Voltage Regulation:** It maintains a fixed output voltage by allowing current to flow backward when the "Zener Voltage" threshold is reached. 2. **Circuit Protection:** It protects downstream components from voltage spikes. If the voltage exceeds the rated 7.4V, the diode shunts the excess current to the ground. 3. **Heat Dissipation:** Due to its 3W rating, it is more robust than standard 1W or 500mW Zener diodes, making it suitable for power supply stages. --- ### 4. Package Dimensions (SMA/DO-214AC) The SMA package is popular because of its low profile and ease of automated assembly. ```text Top View Side View ________________ _____ ____ | | | || | | [ Cathode ] | |_____||____| |________________| ^ ^ |______|-- Solder Pads ``` ### 5. Common Applications * **Power Supplies:** Used as a simple voltage regulator for low-current rails. * **Automotive Electronics:** Protection against alternator load dumps. * **Industrial Controls:** Safeguarding PLC inputs from noise and surges. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a Zener diode and a TVS diode in this package?
    • ⤷ What are the recommended soldering temperatures for SMA packages?
    • ⤷ How do I calculate the series resistor needed for this Zener diode?