Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • M3A73TBD-R

  • AI
    The **M3A73TBD-R** is an industrial-grade ATX motherboard designed by **Advantech**. It is built on the AMD platform, specifically utilizing the AMD 780E and SB710 chipset architecture. This board is engineered for stability in automation, medical, and gaming applications. --- ### Core Electronic Components The hardware configuration focuses on durability and legacy support, which is typical for industrial computing. | Component Category | Details | | :--- | :--- | | **Processor Socket** | Socket AM2+ / AM3 (Supports AMD Phenom II / Athlon II / Sempron) | | **Chipset** | AMD 780E (Northbridge) + SB710 (Southbridge) | | **Memory Slots** | 4 x 240-pin DIMM sockets, supporting Dual Channel DDR2 667/800 MHz (Up to 8GB) | | **Graphics** | Integrated ATI Radeon HD3200 (DirectX 10 support) | | **Ethernet** | Dual 10/100/1000 Mbps LAN ports (Realtek RTL8111DL) | | **Storage** | 6 x SATA II (300 MB/s) with RAID 0, 1, 5, 10 support; 1 x IDE (UDMA 133/100/66) | --- ### Expansion and I/O Layout The "R" in the model name often signifies specific revision or RAID capabilities within the Advantech ecosystem. #### 1. Expansion Slots * **1 x PCIe x16:** For dedicated high-performance graphics cards. * **1 x PCIe x4:** For high-speed I/O or storage controllers. * **1 x PCIe x1:** For standard expansion. * **4 x PCI Slots:** High number of legacy slots for industrial interface cards. #### 2. Specialized Connectivity * **Serial Ports:** Typically supports multiple COM ports (RS-232/422/485), crucial for industrial machinery communication. * **Parallel Port:** 1 x LPT header. * **USB:** Up to 12 USB 2.0 ports (combination of rear I/O and internal headers). --- ### Power and Thermal Design * **Capacitors:** Industrial-grade solid capacitors are used in the VRM (Voltage Regulator Module) area to ensure long MTBF (Mean Time Between Failures) under 24/7 operation. * **Watchdog Timer:** Includes a programmable timer that can trigger a system reset if the software hangs, a critical feature for remote or unmanned installations. * **Power Input:** Standard ATX 24-pin + 4-pin 12V power connectors.
    ✨ Follow-up Questions
    • ⤷ Does the M3A73TBD-R support Windows 10 or is it limited to older OS versions?
    • ⤷ What are the specific power consumption requirements for this motherboard?
    • ⤷ Can the PCIe x16 slot be used for AI acceleration cards in industrial setups?