M2XT2-4Z1-R/Q
AI

## Electronic Component Analysis: M2XT2-4Z1-R/Q
The **M2XT2-4Z1-R/Q** refers to a high-performance **Fiber Optic Transceiver** module, typically belonging to the **QSFP28 (Quad Small Form-factor Pluggable 28)** category. These components are essential for high-speed data communications in networking hardware like switches and routers.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Form Factor** | QSFP28 |
| **Data Rate** | 100 Gbps (Aggregate) |
| **Interface** | 4 x 25Gbps (NRZ) |
| **Connector Type** | MPO/MTP-12 (Typically) |
| **Wavelength** | 850nm (Short Range) or 1310nm (Long Range) |
| **Transmission Media** | Multi-mode (MMF) or Single-mode (SMF) |
| **Supply Voltage** | 3.3V |
---
### 2. Core Electronic Sub-assemblies
The module functions by converting electrical signals into optical signals and vice versa. It consists of the following primary electronic blocks:
#### A. The Transmitter Path (Electrical to Optical)
1. **Clock and Data Recovery (CDR):** Reshapes and retimes the incoming electrical signals from the host PCB to minimize jitter.
2. **Laser Driver:** An integrated circuit that modulates the current flowing into the laser diodes.
3. **TOSA (Transmitter Optical Sub-Assembly):** Contains the actual lasers (e.g., VCSELs for short-range or DFB/EML for long-range).
#### B. The Receiver Path (Optical to Electrical)
1. **ROSA (Receiver Optical Sub-Assembly):** Contains high-speed Photodetectors (PIN diodes) that convert incoming light pulses back into electrical current.
2. **TIA (Trans-Impedance Amplifier):** Converts the weak current from the photodiode into a measurable voltage signal.
3. **Post-Amplifier:** Strengthens the signal before sending it back to the host system.
#### C. Control and Monitoring (DDM/DOM)
The "Q" suffix often denotes **Digital Diagnostic Monitoring (DDM)** capabilities. This allows the host system to monitor:
* Module Temperature
* Supply Voltage
* Laser Bias Current
* Transmitted Optical Power
* Received Optical Power
---
### 3. Application Use Cases
* **Data Centers:** Connecting high-density leaf-and-spine switches.
* **Enterprise Networking:** Core switch uplinks for 100G Ethernet.
* **Telecommunications:** High-bandwidth transport networks.
---
### 4. Comparison Table: SR4 vs. LR4 Standards
*Depending on the specific variant of the M2XT2 series:*
| Standard | Reach | Fiber Type | Technology |
| :--- | :--- | :--- | :--- |
| **SR4** | Up to 100m | OM4 Multi-mode | 4x Parallel VCSEL |
| **LR4** | Up to 10km | Single-mode | WDM (Wavelength Division) |
---
- ⤷
What is the maximum power consumption for this specific QSFP28 module?
- ⤷ Does the 'R/Q' suffix indicate compliance with a specific environmental standard like RoHS?
- ⤷ Is this module compatible with Cisco or Juniper switch hardware?