Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • M2VT-B1-R2/CE

  • AI
    The **M2VT-B1-R2/CE** is a high-performance, plug-in type signal conditioner (transmitter) manufactured by **M-System**. Its primary electronic function is to accept a variable resistance input (such as from a potentiometer) and convert it into a standardized isolated DC output signal. --- ## Technical Specifications The model number breakdown provides specific details about its internal electronic configuration: | Component Code | Description | Details | | :--- | :--- | :--- | | **M2VT** | Model Series | Potentiometer Transmitter | | **B** | Input Signal | Total resistance $100 \Omega$ to $10 k\Omega$ | | **1** | Output Signal | $4$ to $20$ mA DC (Load resistance $550 \Omega$ max) | | **R** | Power Input | $24$ V DC | | **2** | Isolation | 3-way isolation (input to output to power) | | **CE** | Standards | CE marking compliant | --- ## Key Electronic Features ### 1. 3-Way Isolation One of the most critical electronic aspects of this unit is its **galvanic isolation**. * **Input to Output:** Prevents ground loops from affecting measurement accuracy. * **Power to Input/Output:** Protects sensitive PLC/DCS cards from power surges or electrical noise on the field side. * **Test Voltage:** Typically rated for 2000V AC @1 minute. ### 2. Signal Conditioning Circuitry The device utilizes an internal bridge circuit to detect the position of a potentiometer wiper. * **Zero/Span Adjustment:** Front-facing potentiometers allow for fine-tuning the $0\%$ and $100\%$ points (usually $\pm 10\%$ adjustment range). * **Reference Voltage:** The unit provides a stable excitation voltage to the external potentiometer to ensure linear measurement regardless of power fluctuations. ### 3. Protection & Stability * **Noise Filter:** Includes internal low-pass filtering to reject high-frequency interference. * **Temperature Compensation:** Designed to maintain accuracy (typically $\pm 0.1\%$) across a wide operating temperature range ($ -5^\circ C$ to $+55^\circ C$). --- ## Wiring Diagram Overview The electronic interface is managed via an 8-pin base socket. ```text Pin Connection Layout (Standard): 1. Output (+) 2. Output (-) 3. Input (High/CW) 4. Input (Wiper/S) 5. Input (Low/CCW) 6. No Connection 7. Power (L+ / +) 8. Power (N- / -) ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific calibration steps for the Zero and Span adjustments on this model?
    • ⤷ Can this unit handle a potentiometer with a resistance higher than 10k ohms?
    • ⤷ What is the typical response time for the M2VT-B1-R2/CE output signal?