Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • M2VT-1A-R2

  • AI
    The **M2VT-1A-R2** is a high-performance **Transducer (Signal Conditioner)** manufactured by **M-System** (now part of MG CO., LTD). Its primary function is to convert a variable frequency input signal into a standard analog output signal (DC voltage or current). --- ### ## Technical Specifications Overview | Feature | Specification | | :--- | :--- | | **Model** | M2VT-1A-R2 | | **Primary Function** | Frequency to DC Transmitter | | **Input Signal** | Dry contact, open collector, voltage pulse | | **Output Signal** | 4 – 20 mA DC | | **Power Input** | 24V DC | | **Isolation** | 3-way isolation (input to output to power) | | **Mounting** | DIN Rail / Surface mount | --- ### ## Electronic Components & Functional Blocks The device is composed of several critical electronic stages that ensure signal integrity and accuracy: #### 1. Input Circuitry (Signal Conditioner) The input stage is designed to handle various pulse types. It includes a **noise filter** and a **comparator** to detect frequency thresholds. * **Sensitivity Adjustment:** It can distinguish between low-voltage logic pulses and high-voltage spikes. * **Pulse Integration:** It counts the incoming pulses over a specific time window to determine the frequency. #### 2. Isolation Barrier This is a "3-way isolated" device. It uses **Opto-couplers** or **Transformers** to separate the input, output, and power circuits. * **Benefit:** Prevents ground loops and protects sensitive PLC/DCS equipment from high-voltage surges on the sensor side. #### 3. Signal Conversion (F/V or F/I) The core logic utilizes a Frequency-to-Voltage (F/V) converter. The internal microprocessor or specialized IC calculates the frequency ($Hz$) and maps it linearly to the designated output range (e.g., 4mA at 0Hz and 20mA at the maximum frequency). #### 4. Output Stage A **Current Loop Driver** ensures that the 4-20mA signal remains stable even if the resistance of the connection wire changes. This stage uses high-precision operational amplifiers and transistors to maintain the current loop. --- ### ## Pin Configuration (Typical) | Pin No. | Function | Description | | :--- | :--- | :--- | | **1 & 2** | Output (+) / (-) | 4-20mA DC Signal | | **3 & 4** | Input (+) / (-) | Frequency source (e.g., Flow meter) | | **5 & 6** | Power (+) / (-) | 24V DC Supply | --- ### ## Applications * **Flow Measurement:** Converting pulses from a turbine flow meter into a 4-20mA signal for a PLC. * **Motor Speed:** Monitoring RPM via a proximity switch or encoder. * **Power Grid Monitoring:** Measuring AC frequency variations.
    ✨ Follow-up Questions
    • ⤷ How do you calibrate the zero and span on the M2VT-1A-R2?
    • ⤷ What is the maximum frequency range this model can handle?
    • ⤷ Can this device operate with an AC power supply instead of 24V DC?