Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • M2VF2-A2-R2/N

  • AI
    The **M2VF2-A2-R2/N** is a specific model of a **Signal Conditioner** or **Isolator** typically manufactured by companies like M-System. These devices are used in industrial automation to convert, isolate, and transmit analog signals between field instruments and control systems (PLC/DCS). --- ### 1. Model Code Breakdown The alphanumeric string defines the specific electronic hardware configuration of the unit: | Code Segment | Description | Specific Detail | | :--- | :--- | :--- | | **M2VF2** | Base Model | Ultra-slim Signal Conditioner (Variable Output) | | **A2** | Input Signal | 4 – 20 mA DC (Current Input) | | **R2** | Output Signal | 4 – 20 mA DC (Current Output) | | **N** | Power Input | 24V DC | --- ### 2. Core Electronic Components Inside the unit, several critical electronic stages manage the signal integrity: * **Input Stage (Conditioning):** * Contains a precision shunt resistor to convert the 4-20mA current into a voltage. * Includes surge protection (Zener diodes) to protect against spikes. * **Isolation Barrier:** * Uses **Optical Isolators** (Optocouplers) or **Magnetic Transformers**. * This provides galvanic isolation (usually up to 2000V AC) between the input, output, and power supply to prevent ground loops. * **Processing Circuit:** * Uses Operational Amplifiers (Op-Amps) to linearize the signal and ensure high impedance. * **Output Stage (Driver):** * A constant-current circuit that ensures the 4-20mA signal remains accurate even if the load resistance (wiring length) changes. --- ### 3. Technical Specifications | Parameter | Specification | | :--- | :--- | | **Supply Voltage** | 24V DC (±10%) | | **Isolation** | 3-Way (Input to Output to Power) | | **Accuracy** | Generally ±0.1% | | **Response Time** | ≤ 0.5 seconds | | **Mounting** | DIN Rail (Standard 35mm) | --- ### 4. Key Functions in a Circuit 1. **Signal Conversion:** Matches different signal types between devices. 2. **Ground Loop Elimination:** By isolating the input and output electrically, it prevents noise caused by different ground potentials. 3. **Signal Boosting:** It acts as a repeater to allow signals to travel over long distances without loss of accuracy.
    ✨ Follow-up Questions
    • ⤷ What is the maximum load resistance supported by the R2 output stage?
    • ⤷ Does this model support HART communication protocol pass-through?
    • ⤷ How does 3-way isolation differ from 2-way isolation in this hardware?