Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • M2VF2-4W2-R2SLASHX1

  • AI
    The part number **M2VF2-4W2-R2/X1** refers to a specific industrial-grade **Signal Conditioner/Isolator** (M2 Series) manufactured by **M-System** (now part of MG CO., LTD). These devices are used to convert, isolate, and transmit analog signals in process control environments. --- ## 1. Technical Specification Breakdown The alphanumeric code identifies the specific input/output configuration and power requirements of the unit. | Component Code | Specification | Description | | :--- | :--- | :--- | | **M2VF2** | Model Series | Mini-M Series V-Unit (Variable range/Multi-output) | | **4W** | Input Type | 4 to 20 mA DC | | **2** | Output 1 | 0 to 10 V DC | | **R2** | Power Input | 110V AC (Standard range 100-120V) | | **X1** | Special Option | Standard coating or specific factory calibration | --- ## 2. Key Electronic Functions ### A. Galvanic Isolation This device provides **3-way isolation** (Input to Output to Power). This prevents ground loops, protects sensitive PLC/DCS equipment from high-voltage surges, and reduces electrical noise interference. ### B. Signal Conversion It acts as a bridge between different hardware standards. In this specific configuration, it takes a **current signal (4-20mA)** from a sensor and converts it into a **voltage signal (0-10V)** for a controller. ### C. Impedance Matching * **Input Impedance:** Typically 250 $\Omega$ for the 4-20mA loop. * **Output Drive:** Designed to drive high-impedance loads (up to 2mA or higher depending on the specific V-Unit trim). --- ## 3. Physical & Installation Features * **Mounting:** Standard DIN rail mounting or surface mounting. * **Connection:** M3 screw terminals (base socket). * **Adjustments:** Front-facing **ZERO** and **SPAN** potentiometers for fine-tuning the calibration (+/- 5%). * **LED Indicator:** Power status LED on the front panel. --- ## 4. Typical Application Example In a water treatment plant, a flow meter sends a **4-20mA** signal over a long distance. To prevent electrical noise from the pumps from damaging the central Computer/PLC, the **M2VF2-4W2-R2** is installed. It isolates the line and converts the signal to **0-10V** which the PLC’s analog input card requires. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between 2-way and 3-way isolation in these modules?
    • ⤷ How do I calibrate the Zero and Span for this specific model?
    • ⤷ Are there compatible alternatives if this M-System part is obsolete?