Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • M2VF2-4W2-R2/CE

  • AI
    The **M2VF2-4W2-R2/CE** is a high-performance **Signal Conditioner** (specifically a Voltage/Current Isolator) manufactured by **M-System** (now part of MG CO., LTD). It is part of the Mini-M series, designed to convert and isolate DC input signals into standardized DC output signals. Below is a detailed breakdown of its electronic specifications and characteristics. --- ## 1. Model Code Breakdown The model number provides specific details about the internal hardware configuration: | Code Segment | Description | Specific Detail | | :--- | :--- | :--- | | **M2VF2** | Model Series | Voltage/Current Isolator (High-speed response type) | | **4W2** | Input/Output Type | 4 to 20 mA DC Input / 4 to 20 mA DC Output | | **R2** | Power Input | 24V DC | | **CE** | Compliance | European Conformity (CE) Marking | --- ## 2. Technical Specifications This device acts as a bridge between a field sensor and a PLC/DCS, providing electrical isolation to prevent ground loops. ### Input & Output Electronics * **Input Impedance:** 250 $\Omega$ (Standard for 4-20mA current loops). * **Output Load Resistance:** Maximum 550 $\Omega$. * **Response Time:** Approximately 25 milliseconds (0 to 90%). * **Accuracy:** $\pm$0.1% of span. ### Power & Isolation * **Power Consumption:** Approx. 0.8W at 24V DC. * **Isolation Structure:** 3-way isolation (Input to Output to Power). * **Dielectric Strength:** 2000V AC @ 1 minute (Input to output to power to ground). * **Insulation Resistance:** $\geq$ 100 M$\Omega$ with 500V DC. --- ## 3. Internal Components and Construction The electronic architecture of the M2VF2 involves several critical stages: ### A. Input Stage Contains a precision shunt resistor and a surge protector. It converts the 4-20mA current into a proportional voltage signal for internal processing. ### B. Isolation Barrier Uses an **Optical Isolator (Optocoupler)** or **Transformer-based isolation**. This physical separation ensures that high-voltage spikes on the field side do not damage the sensitive control system (PLC) on the output side. ### C. Output Stage Features an operational amplifier (Op-Amp) circuit that regenerates the 4-20mA signal. It includes: * **Zero Adjustment:** Potentiometer to fine-tune the 4mA floor. * **Span Adjustment:** Potentiometer to fine-tune the 20mA ceiling. --- ## 4. Physical Installation The unit is designed for industrial cabinet environments: * **Mounting:** DIN Rail (35mm). * **Wiring:** M3 screw terminals (nickel-plated steel). * **Housing Material:** Flame-resistant resin (Black). ---
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring diagrams for the M2VF2 input and output terminals?
    • ⤷ How do I calibrate the Zero and Span adjustments on this specific model?
    • ⤷ What is the difference between the M2VF2 and the standard M2V model?