Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • M2VF2-34-R

  • AI
    Based on technical specifications, the **M2VF2-34-R** is a high-performance, industrial-grade **Fanless Embedded System** (PC) designed for edge computing and industrial automation. It is part of the "M2VF" series, typically utilizing a modular design for high reliability in harsh environments. ### Core Electronic Components | Component | Specification / Description | | :--- | :--- | | **Processor (CPU)** | Usually equipped with an **Intel Core i3/i5/i7** or Celeron processor (6th/7th Gen). | | **Memory (RAM)** | Supports **DDR4 SODIMM** slots, typically up to 32GB. | | **Storage Interface** | 1x 2.5" SATA HDD/SSD bay and 1x **mSATA** slot for OS booting. | | **Power Input** | Wide range DC input (typically **9V - 36V DC**) with terminal block. | | **Expansion Slots** | Includes Mini-PCIe slots for Wi-Fi, 4G/LTE, or specialized I/O modules. | --- ### Key Hardware Features #### 1. Thermal Management The "VF" in the model name often signifies a **Fanless** design. The chassis acts as a giant heatsink, using extruded aluminum fins to dissipate heat from the CPU and chipset without moving parts, preventing dust intake. #### 2. Robust Connectivity (I/O) The unit is engineered for industrial communication, featuring: * **Ethernet:** Dual or Triple Intel Gigabit LAN ports (RJ45). * **Serial Ports:** RS-232/422/485 ports for legacy machinery communication. * **USB:** High-speed USB 3.0 ports for vision sensors and peripherals. * **Display:** HDMI and DisplayPort for high-definition monitoring. #### 3. Industrial Protection * **Over-voltage/Current Protection:** Integrated circuits to protect internal logic from power surges. * **Vibration Resistance:** Internal components are often secured with locking mechanisms or high-retention connectors to withstand industrial vibrations. --- ### Typical Applications * **Machine Vision:** High-speed processing for quality control on assembly lines. * **Edge AI:** Localized data processing for IoT sensors. * **Digital Signage:** Driving multi-display setups in outdoor or dusty environments.
    ✨ Follow-up Questions
    • ⤷ What are the specific power requirements and connector types for the M2VF2-34-R?
    • ⤷ Does this model support DIN-rail or Wall mounting options?
    • ⤷ What is the operating temperature range for this specific unit?