M2VF2-016-R2/N
AI

The **M2VF2-016-R2/N** is a specialized electronic component commonly used in precision motion control, specifically within the realm of **optical encoders** and **linear scales**. This part number typically refers to a high-resolution scanning head or a specific feedback sensor assembly.
---
### 1. Key Technical Specifications
Based on the industry nomenclature for this series, here are the primary electronic characteristics:
| Parameter | Typical Specification |
|:---|:---|
| **Input Voltage** | 5V DC (±5%) |
| **Output Signal** | Digital (TTL) / RS422 Differential |
| **Resolution** | 0.1 µm to 5 µm (depending on configuration) |
| **Current Consumption** | < 150 mA |
| **Scanning Speed** | Up to 10 m/s (model dependent) |
| **Interface** | 15-pin D-sub or flying leads |
### 2. Electronic Components & Internal Workings
The "R2/N" designation usually highlights specific electronic output behaviors or reference mark configurations:
* **Photosensors:** The core of the unit contains an array of photodetectors that read optical patterns from a scale (glass or steel).
* **Signal Processing ASIC:** Inside the head is an Application-Specific Integrated Circuit (ASIC) that interpolates the raw analog sine/cosine signals into digital pulses.
* **Differential Drivers:** It utilizes RS422 differential line drivers to ensure signal integrity over long cable runs, reducing the impact of Electromagnetic Interference (EMI).
* **Reference Mark (N):** The "/N" suffix usually indicates a **Reference Mark** capability, which provides a unique electronic pulse at a specific position for homing the machine.
### 3. Application Areas
This component is vital in systems requiring extreme positional accuracy:
1. **CNC Machining:** Providing feedback to the controller regarding the exact position of the axis.
2. **Semiconductor Manufacturing:** Used in wafer inspection and lithography stages.
3. **Metrology:** Integration into Coordinate Measuring Machines (CMM).
---
### 4. Wiring and Signal Logic
The output logic follows a standard quadrature format:
```json
{
"Signal_A": "Incremental position count",
"Signal_B": "Phase-shifted 90 degrees (determines direction)",
"Signal_Z": "Index/Reference mark (once per revolution/scale)",
"Complimentary": "/A, /B, /Z (Inverted signals for noise cancellation)"
}
```
- ⤷
What is the pinout configuration for the M2VF2-016-R2/N?
- ⤷ How do I troubleshoot 'Signal Loss' errors with this specific encoder head?
- ⤷ What is the compatible scale type for this scanning head?