Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • M2VF2-014-R/CE

  • AI
    The **M2VF2-014-R/CE** is a specialized electronic component primarily used in industrial automation, specifically within the domain of **Variable Frequency Drives (VFDs)** or motor controllers. It is part of the **M2VF series**, often associated with brands like **Moeller** (now part of Eaton). Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications This part functions as a motor drive or frequency inverter, designed to control the speed and torque of AC induction motors. | Feature | Specification | | :--- | :--- | | **Model Number** | M2VF2-014-R/CE | | **Input Voltage** | 3-Phase 380V - 480V AC | | **Rated Output Current** | ~14 Amperes | | **Power Rating** | Approx. 5.5 kW to 7.5 kW (depending on load type) | | **Enclosure Rating** | IP20 (typically) | | **Control Type** | V/f Control or Sensorless Vector Control | --- ### 2. Key Electronic Internal Components The unit is composed of several critical stages of power electronics: * **Rectifier Stage:** Converts incoming 3-phase AC power into high-voltage DC. * **DC Bus:** Uses high-capacitance electrolytic capacitors to smooth voltage ripples and store energy. * **Inverter Bridge (IGBTs):** The core of the device. It uses Insulated Gate Bipolar Transistors (IGBTs) to switch the DC voltage back into a simulated AC sine wave using **Pulse Width Modulation (PWM)**. * **Control Logic Board:** A microprocessor-based board that handles PID loops, I/O signals, and safety parameters. --- ### 3. I/O and Connectivity The "R" and "CE" suffixes usually denote specific regional certifications and relay configurations. * **Digital Inputs:** Used for Start/Stop, Forward/Reverse, and Preset Speeds. * **Analog Inputs:** Typically 0-10V or 4-20mA for frequency reference (speed control). * **Relay Outputs:** Status indicators (Fault, Running, Ready). * **Communication Port:** Often supports RS-485 or Modbus for integration into a PLC network. --- ### 4. Comparison of Operational Modes | Mode | Function | Best For | | :--- | :--- | :--- | | **V/f Control** | Constant ratio between voltage and frequency. | Fans, Pumps, Centrifugal loads. | | **Vector Control** | Decouples flux and torque currents. | High-torque at low speed, Conveyors. | | **Dynamic Braking** | Dissipates kinetic energy via an internal chopper. | Rapid deceleration of heavy loads. | --- ### 5. Installation and Safety Notes 1. **Heat Dissipation:** These units generate significant heat from the IGBT switching; proper ventilation or heatsink clearance is mandatory. 2. **EMC Filtering:** The "CE" designation implies compliance with European electromagnetic compatibility standards, often requiring shielded motor cables. 3. **Protection Circuits:** Includes overcurrent, overvoltage, undervoltage, and thermal motor protection (I²t).
    ✨ Follow-up Questions
    • ⤷What are the specific wiring requirements for the analog input on this model?
    • ⤷ How do I reset a 'Fault' state on the M2VF2-014-R/CE?
    • ⤷ Is this drive compatible with single-phase input power?