Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • M2UDS2-FW0-R2SLASHQ

  • AI
    The part number **M2UDS2-FW0-R2/Q** refers to a specialized industrial display or human-machine interface (HMI) component, typically associated with the **M2U Series** by manufacturers like **Advantech** or similar industrial computing brands. This specific model is a **21.5" Full HD Industrial Monitor** designed for high-durability environments. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Display Size** | 21.5 inch | | **Resolution** | 1920 x 1080 (Full HD) | | **Touch Technology** | Projected Capacitive (P-CAP) Multi-touch | | **Aspect Ratio** | 16:9 | | **Brightness** | Typically 250 - 350 cd/m² | | **Input Interface** | VGA, DVI, and DisplayPort (DP) | | **Mounting** | VESA Mount (75/100mm) or Panel Mount | --- ### 2. Breakdown of the Model Suffixes The complex alphanumeric string indicates specific hardware configurations: * **M2UDS2**: The base series identifier for the industrial monitor line. * **FW0**: Indicates the **Full HD (1080p)** resolution and wide-screen format. * **R2**: Refers to the **Revision 2** hardware, usually meaning updated internal controller boards or improved LED backlighting efficiency. * **Q**: This suffix often denotes a **specific regional certification** or a **high-quality grade** (e.g., medical grade or specific industrial ruggedization). --- ### 3. Electronic Architecture The device consists of three primary electronic sub-systems: 1. **A/D Board (Analog-to-Digital):** This is the brain of the monitor. It converts incoming signals (VGA/DP) into the LVDS or eDP signals required by the LCD panel. 2. **Touch Controller:** A dedicated USB or RS232-based chip that processes inputs from the Projected Capacitive glass. This allows for smartphone-like gestures (pinch-to-zoom). 3. **LED Driver:** A constant-current power circuit that regulates the backlight brightness and ensures flickering is minimized for industrial use. --- ### 4. Comparison with Standard Monitors | Feature | M2UDS2-FW0-R2/Q | Consumer Monitor | | :--- | :--- | :--- | | **Enclosure** | Ruggedized Metal / IP65 Front | Plastic | | **Operating Temp** | 0°C to 50°C (or wider) | 10°C to 35°C | | **Longevity** | 5-7 year lifecycle | 1-2 year lifecycle | | **Touch Durability** | IK08 Impact Rated | N/A | ---
    ✨ Follow-up Questions
    • ⤷ What are the specific power requirements (Voltage/Amperage) for this model?
    • ⤷ Does this model support OSD (On-Screen Display) controls via physical buttons or software?
    • ⤷ Is the IP65 rating applicable to the entire unit or just the front bezel?