Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • M2UDS2-C4-R2/N

  • AI
    Based on the product nomenclature, the **M2UDS2-C4-R2/N** is a specialized industrial control component, typically identified as an **Ultra-Slim Digital Signal Conditioner** or Isolator from manufacturers like *M-System*. Below is a breakdown of its electronic components and functional specifications. --- ### 1. Functional Overview This device is designed to receive an analog signal, provide galvanic isolation, and convert it into a standardized output signal for PLC/DCS systems. The "Ultra-Slim" design (7 mm width) is optimized for high-density DIN rail mounting. ### 2. Part Number Deciphering | Code | Section | Description | | :--- | :--- | :--- | | **M2UDS2** | Model Series | Ultra-Slim Signal Conditioner (Dual Output/Signal Isolator) | | **C4** | Input Type | Typically represents a **4 – 20 mA DC** input signal | | **R2** | Output Type | Output 1: 4 – 20 mA DC; Output 2: 1 – 5 V DC (standard configuration) | | **N** | Power Input | No auxiliary power required (Loop-powered) or specific AC/DC range | --- ### 3. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Isolation** | 3-way isolation (Input to Output to Power) | | **Accuracy** | ±0.1% of span | | **Response Time** | ≤ 0.5 seconds (0 to 90%) | | **Mounting** | DIN Rail (35mm) | | **Housing Material** | Flame-resistant resin (Black) | | **Isolation Resistance** | 100 MΩ minimum at 500V DC | --- ### 4. Internal Electronic Architecture The internal circuitry consists of four primary stages: 1. **Input Conditioning Stage:** Uses a precision shunt resistor to convert the current signal into a voltage, followed by a low-pass filter to remove high-frequency noise. 2. **Isolation Barrier:** Employs an optical (optocoupler) or transformer-based magnetic coupling to ensure there is no direct electrical path between the field sensor and the control system. This protects equipment from surges and ground loops. 3. **Signal Processing:** An operational amplifier (Op-Amp) circuit scales the signal. In newer "Digital" versions, a micro-ADC/DAC pair may be used for high-precision conversion. 4. **Output Driver:** A constant current/voltage source that recreates the signal for the receiving device (e.g., a PLC). ### 5. Wiring and Connections * **Terminals 1 & 2:** Signal Input (+ / -) * **Terminals 3 & 4:** Output 1 (+ / -) * **Terminals 5 & 6:** Output 2 (+ / -) or Power Supply (depending on the specific "N" variant) ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum dielectric strength between the input and output terminals?
    • ⤷ Does this model require an external power supply or is it loop-powered?
    • ⤷ What are the environmental temperature limits for operating this device?