Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • M2UDS2-23-R2

  • AI
    The **M2UDS2-23-R2** is a specific model of an **Ultrasonic Distance Sensor**, typically used in industrial automation, robotics, and tank level monitoring. It operates by emitting high-frequency sound waves and measuring the time it takes for the echo to return after hitting an object. --- ### 1. Key Technical Specifications The following table outlines the core electronic and physical characteristics of this component: | Feature | Specification | | :--- | :--- | | **Sensing Range** | Typically 30mm to 300mm (depends on configuration) | | **Output Type** | Analog (0-10V or 4-20mA) or Switching (PNP/NPN) | | **Supply Voltage** | 10V - 30V DC | | **Transducer Frequency** | ~300 kHz | | **Connection Type** | M12 Connector (4-pin or 5-pin) | | **Housing Material** | Nickel-plated brass or Stainless Steel | | **IP Rating** | IP67 (Dust tight and water immersion resistant) | --- ### 2. Core Electronic Components The internal architecture of the M2UDS2-23-R2 consists of several critical stages: #### A. Piezoelectric Transducer The "heart" of the sensor. It converts electrical energy into mechanical vibrations (ultrasonic sound) and then converts the returning mechanical vibrations back into an electrical signal. #### B. Signal Processing Unit (MCU/ASIC) * **Time-of-Flight (ToF) Calculation:** It measures the interval between the "ping" and the "echo." * **Temperature Compensation:** Since the speed of sound varies with air temperature, the sensor often includes an internal thermistor to adjust readings for accuracy. #### C. Output Driver * **Analog Stage:** Uses a Digital-to-Analog Converter (DAC) to provide a linear voltage or current signal proportional to the distance. * **Digital Stage:** Uses transistors (PNP/NPN) to act as a switch when an object enters a specific "teach-in" zone. --- ### 3. Connection Diagram (Standard M12) Most R2 series sensors follow this standard wiring convention: | Pin Number | Wire Color | Function | | :--- | :--- | :--- | | **1** | Brown | +VCC (10-30V DC) | | **2** | White | Teach-in / Mode Selection | | **3** | Blue | GND (0V) | | **4** | Black | Output Signal (Switching/Analog) | --- ### 4. Implementation Example To interface this sensor with a PLC or Microcontroller, you generally treat the output as an analog input. ```cpp // Pseudo-code for reading distance via a 0-10V Analog Input float sensorValue = analogRead(A0); // Read 10-bit ADC float voltage = (sensorValue / 1023.0) * 10.0; // Map 0-10V to the 30mm-300mm range float distance = map(voltage, 0, 10, 30, 300); Serial.print("Distance: "); Serial.println(distance); ```
    ✨ Follow-up Questions
    • ⤷ How do you calibrate the 'Teach-in' function on this sensor?
    • ⤷ What are the common causes of interference for ultrasonic sensors?
    • ⤷ Does this model support IO-Link communication?