Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • M2UDS2-15-R2

  • AI
    The **M2UDS2-15-R2** is a specific model of an electronic signal transducer/converter from the **M2 Series** manufactured by **M-System** (now part of MG CO., LTD). It is primarily used in industrial automation to convert one type of electrical signal into another for monitoring or control purposes. --- ## 1. Technical Specifications The model number can be broken down into its functional components based on the manufacturer's nomenclature: | Component | Description | Specification Details | | :--- | :--- | :--- | | **Model Type** | M2UDS2 | Ultra-slim Signal Conditioner (DC Input/Output) | | **Input Signal (1)** | 1 | 0 – 10 mV DC | | **Output Signal (5)** | 5 | 4 – 20 mA DC | | **Power Input (R)** | R | 24V DC | | **Option (2)** | 2 | High-accuracy / Specific calibration | ### Key Electrical Parameters * **Response Time:** Typically $\le$ 0.5 seconds (0 – 90%). * **Isolation:** 3-way isolation (Input to Output to Power). * **Construction:** Slim-line plug-in structure for DIN rail mounting. * **Accuracy:** $\pm$0.1% of span. --- ## 2. Core Functional Parts Internally and externally, the device consists of several critical electronic subsystems: ### A. Signal Isolation Transformer/Optocoupler The "R2" designation implies 3-way isolation. This protects sensitive PLC/DCS equipment from high-voltage surges or ground loops on the input side. * **Input-Output Isolation:** 2000V AC @ 1 minute. * **Input-Power Isolation:** 2000V AC @ 1 minute. ### B. Signal Conditioning Circuitry Since the input is 10mV (extremely low voltage), the unit contains a high-precision **Operational Amplifier (Op-Amp)**. This stage amplifies the millivolt signal while filtering out high-frequency noise common in industrial environments. ### C. Current Loop Driver The output stage is a **V/I Converter (Voltage-to-Current)**. It ensures that the 4-20mA signal remains stable even if the resistance of the receiving wire changes, provided it stays within the allowable load resistance (usually 550 $\Omega$). --- ## 3. Terminal Connection Diagram Typical wiring for the M2UDS2 series: ```text TERMINAL | FUNCTION ----------|------------------- 1 | Input (+) [0-10mV] 2 | Input (-) 4 | Output (+) [4-20mA] 5 | Output (-) 7 | Power (+) [24V DC] 8 | Power (-) ``` --- ## 4. Applications * **Strain Gauges:** Converting low-voltage signals from weight sensors to standard 4-20mA. * **Shunt Resistors:** Measuring high current by converting the small voltage drop across a shunt. * **Laboratory Equipment:** Interfacing sensitive scientific sensors with industrial PLCs.
    ✨ Follow-up Questions
    • ⤷ What is the maximum load resistance allowed for the 4-20mA output?
    • ⤷ How do I calibrate the zero and span on this specific unit?
    • ⤷ Does this model support 110V AC power input alternatives?