Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • M2UDS2-05-R

  • AI
    The **M2UDS2-05-R** is a specific part number belonging to the **M2UDS** series of electronic relay modules, manufactured by companies like **IDEC**. This component is a **Solid State Timer Relay** (or specifically, a Slim Universal Digital Timer). Below is a breakdown of its technical specifications and electronic characteristics. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Model Type** | Slim Digital Timer / Solid State Relay | | **Input Voltage** | 24V DC (Standard for the -05 series) | | **Mounting** | DIN Rail Mounting (17.5mm Slim body) | | **Output Type** | Relay Contact (SPDT - 1 Changeover) | | **Operating Modes** | Multi-function (On-delay, Off-delay, Interval, Flicker, etc.) | | **Timing Range** | 0.1 seconds to 999 hours (Adjustable) | | **Termination** | Screw Terminals | --- ### 2. Electronic Component Breakdown #### A. Control Interface (Front Panel) The "UDS" designation typically refers to a **Digital Setting** interface. Unlike older analog timers that use a potentiometer (knob), this unit features: * **LCD or LED Display:** Shows the current timing value and preset limit. * **Push Buttons:** Used to set precise time increments, preventing the drift common in analog RC circuits. #### B. The Switching Mechanism While the logic is digital, the output is a **Mechanical Relay**. * **Contact Rating:** Usually rated for 5A at 250V AC (Resistive load). * **Isolation:** Provides galvanic isolation between the low-voltage control signal (24V) and the high-voltage load. #### C. Power Supply Section (-05-R) * The **-05** suffix indicates the specific control voltage requirement, which is 24V DC. * It includes internal voltage regulation and surge protection to ensure the digital logic remains stable during industrial electrical noise. --- ### 3. Functional Logic The "R" suffix often indicates the **Relay Output** version. The device operates on several logic modes selectable via the interface: 1. **ON-Delay:** Starts timing when power is applied; contacts flip after the set time. 2. **OFF-Delay:** Contacts flip immediately on input; they return to normal only after the timing period ends once input is removed. 3. **Cycle/Flicker:** Continuously toggles the relay ON and OFF at set intervals. --- ### 4. Wiring Diagram Overview * **A1 / A2:** Power supply terminals (24V DC). * **15 (Common):** The moving contact. * **16 (NC):** Normally Closed contact. * **18 (NO):** Normally Open contact. * **B1 / S:** Input signal for external triggering (Start/Stop/Reset).
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring differences between the AC and DC versions of this relay?
    • ⤷ How do you program the specific timing mode on the M2UDS2 interface?
    • ⤷ What is the maximum current capacity for the relay contacts?