M2UDS-E2-R2
AI

The **M2UDS-E2-R2** is a high-performance, plug-in type digital multi-unit transducer manufactured by **M-System**. It is designed to measure AC voltage and current inputs, converting them into standardized DC output signals.
---
## 1. Core Technical Specifications
The model suffix `E2-R2` defines specific hardware configurations for power supply and output types.
| Feature | Specification |
| :--- | :--- |
| **Model Type** | M2UDS (Multi-Unit Transducer) |
| **Input** | AC Voltage / Current (True RMS) |
| **Output (E2)** | 4 – 20 mA DC (Internal power) |
| **Power Input (R2)** | 11 – 27 V DC |
| **Accuracy** | ±0.3% (at 23°C) |
| **Response Time** | ≤ 0.5 seconds (0 – 90%) |
| **Isolation** | Input to output to power to ground |
---
## 2. Key Electronic Components & Design
### A. Signal Conditioning Circuitry
The device utilizes **True RMS (Root Mean Square)** conversion. This is critical because it allows the transducer to accurately measure distorted waveforms caused by harmonic noise or non-linear loads (like VFDs), which standard mean-rectifying transducers cannot do.
### B. Microprocessor Control
The "Digital" aspect of the M2UDS involves an onboard microcontroller that performs:
* **A/D Conversion:** Converts analog AC signals into high-resolution digital data.
* **Linearization:** Corrects any non-linearities in the input signal.
* **Calibration:** Factory-set parameters are stored in non-volatile memory to ensure long-term stability without manual trimmers.
### C. Isolation Barrier
To protect sensitive PLC/DCS equipment, the M2UDS-E2-R2 features high-grade isolation (typically up to 2000V AC).
* **Optical Isolation:** Used for signal transmission across the barrier.
* **Transformer Isolation:** Used for the DC-to-DC converter to isolate the power supply.
---
## 3. Terminal Configuration
The device uses a 10-pin base socket. Below is a general representation of the electronic connections:
| Terminal No. | Function | Description |
| :--- | :--- | :--- |
| **1** | Output (+) | 4-20mA Signal |
| **2** | Output (-) | Common |
| **4** | Input (U) | Voltage or Current Input |
| **5** | Input (V) | Voltage or Current Input |
| **9** | Power (L+) | 11-27V DC Positive |
| **10** | Power (N-) | 11-27V DC Negative |
---
## 4. Operational Indicators
The front panel typically includes:
* **Power LED:** Indicates the internal DC-DC converter is functioning.
* **Calibration Adjustments:** While digital, it often features fine-tuning potentiometers for "Zero" and "Span" to match specific field requirements.
- ⤷
What are the specific wiring requirements for the 4-20mA output loop?
- ⤷ How does True RMS conversion differ from Mean Value conversion in this device?
- ⤷ Can the M2UDS-E2-R2 handle both AC current and AC voltage inputs simultaneously?