Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • M2UDS-B3-R/N

  • AI
    The **M2UDS-B3-R/N** is a specific model of an **Electronic Digital Counter/Timer** typically manufactured by automation component companies (often associated with brands like Autonics or similar industrial control suppliers). This device is designed for precision counting and timing in industrial automation environments. --- ### 1. Technical Specifications Overview The part number breakdown generally refers to its physical characteristics and electrical capabilities: | Feature | Specification Details | | :--- | :--- | | **Series** | M2UDS (Multi-functional Digital Unit) | | **Display** | 3-Digit LED (0-999 range) | | **Output Type** | Relay Contact Output (indicated by 'R') | | **Power Supply** | Usually 100-240VAC or 24VDC (model dependent) | | **Terminal Type** | 8-Pin Plug-in type (Standard circular base) | | **Mounting** | Panel mount or DIN rail (with socket) | --- ### 2. Key Electronic Components & Internal Design The device functions as an embedded system designed for reliability in electrically "noisy" industrial environments. * **Microcontroller (MCU):** The brain of the unit that processes input pulses (counting) or internal clock oscillations (timing) and compares them to the user-set value. * **Optoisolators:** Used on the input terminals to protect the internal logic from voltage spikes or surges from external sensors/switches. * **Electromagnetic Relay:** The "R" in the suffix indicates a physical relay. When the set value is reached, the MCU triggers a transistor that energizes the relay coil, closing or opening a high-power circuit. * **Power Transformation:** Contains a step-down transformer or a switching power supply (SMPS) circuit to convert line voltage to low-voltage DC for the internal electronics. --- ### 3. Functional Logic The M2UDS-B3-R/N can usually be configured in several modes: 1. **UP Counter:** Increments the display with each input pulse. 2. **DOWN Counter:** Decrements from a preset value to zero. 3. **Timer:** Acts as a stopwatch or countdown timer with selectable time ranges (seconds, minutes, or hours). ### 4. Wiring and Pins Since it is an 8-pin type, the standard wiring configuration is typically: * **Pins 2 & 7:** Power Input. * **Pins 1, 3, 4:** Relay Output (Common, NO, NC). * **Pins 5, 6, 8:** Signal Inputs (Reset, Start, Inhibit). --- ### 5. Application Use Cases * **Packaging Lines:** Counting the number of boxes passing on a conveyor. * **Dosing Systems:** Running a pump for a specific duration (Timer mode). * **Batching:** Stopping a machine once 100 units (the 'B3' 3-digit limit) are produced.
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching voltage for the relay output?
    • ⤷ How do I switch between Counter and Timer modes on this unit?
    • ⤷ Is there a 4-digit version of this model available?