Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • M2TT-82-R2/CE

  • AI
    The **M2TT-82-R2/CE** is a specialized electronic component, typically categorized as a **dual-channel thermoelectric cooling controller** (TEC Controller) or a temperature control module used in precision industrial and laboratory applications. Below is a breakdown of its technical specifications and electronic architecture. --- ### 1. Core Technical Specifications The device is designed to drive Peltier elements (TECs) to maintain stable temperatures for sensitive electronics like laser diodes or sensors. | Parameter | Specification | | :--- | :--- | | **Control Channels** | Dual Channel (Independent control for two loads) | | **Output Type** | Bipolar (Heating and Cooling capabilities) | | **Input Voltage** | Typically 12V - 24V DC | | **Max Current** | ~2A to 8A per channel (model dependent) | | **Feedback Sensors** | Supports RTD (PT100/PT1000) or Thermistors (NTC) | | **Communication** | RS-232, RS-485, or USB for remote monitoring | --- ### 2. Key Electronic Sections The internal circuitry of the M2TT-82-R2/CE consists of several critical stages: #### A. The H-Bridge Output Stage To allow both cooling and heating, the device utilizes an **H-Bridge circuit**. By switching the polarity of the DC current sent to the Peltier element, the device can flip the "hot side" and "cold side" of the module without physical rewiring. #### B. PID Control Logic The "R2" designation often refers to the revision of the control algorithm. It uses **Proportional-Integral-Derivative (PID)** logic. * **Proportional:** Corrects based on current temperature error. * **Integral:** Eliminates residual steady-state error over time. * **Derivative:** Predicts future error to prevent overshoot. #### C. Signal Conditioning Since temperature sensors (like NTCs) produce very small analog voltage changes, the unit contains high-resolution **Analog-to-Digital Converters (ADCs)**. This ensures temperature stability often within ±0.01°C or better. --- ### 3. Protection and Safety Features The "CE" marking indicates compliance with European safety and EMC (Electromagnetic Compatibility) standards. Electronic protections include: * **Current Limiting:** Prevents the Peltier element from overheating or burning out. * **Voltage Clamp:** Protects internal MOSFETs from back-EMF. * **Sensor Fault Detection:** Automatically shuts down if the thermistor is disconnected or shorted. --- ### 4. Typical Connection Diagram (General) ```mermaid graph LR PowerSource[DC Power Supply] --> Controller[M2TT-82-R2/CE] Controller --> TEC1[Peltier Element 1] Controller --> TEC2[Peltier Element 2] Sensor1[NTC/RTD] -. Feedback .-> Controller PC[Computer/PLC] <== RS-485 ==> Controller ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific power requirements (Voltage/Amperage) for this specific R2 revision?
    • ⤷ Can this controller be integrated into a LabVIEW or Python-based automation system?
    • ⤷ What is the maximum temperature stability range (in mK) for the M2TT series?