Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • M2TS-2B-R

  • AI
    ## Technical Overview of the M2TS-2B-R The **M2TS-2B-R** is a specific electronic component within the category of **Electromechanical Toggle Switches**. It is widely used in control panels, instrumentation, and telecommunications equipment due to its reliability and compact form factor. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical and mechanical characteristics of the M2TS-2B-R: | Attribute | Specification | |:---|:---| | **Switch Type** | Toggle Switch | | **Circuitry** | DPDT (Double Pole Double Throw) | | **Switch Function** | ON - ON | | **Current Rating** | 6A @ 125VAC / 3A @ 250VAC | | **Termination Style** | PC Pin (Through-Hole) | | **Actuator Style** | Standard Round Toggle | | **Contact Plating** | Silver or Gold (depends on specific sub-series) | | **Operating Temperature** | -25°C to +85°C | --- ### 2. Functional Description The M2TS-2B-R operates as a **Double Pole Double Throw (DPDT)** switch. This means it has two separate sets of terminals that are controlled by a single actuator. * **Internal Logic:** It essentially functions as two SPDT (Single Pole Double Throw) switches working in synchronization. * **Terminals:** Usually features 6 pins. * **Two Positions:** Since it is an "ON-ON" switch, it does not have a center "OFF" position. It toggles the connection from one set of output pins to another. --- ### 3. Component Breakdown 1. **Actuator (Lever):** The physical handle used to toggle the switch. Usually made of chrome-plated brass or high-strength plastic. 2. **Bushing:** The threaded part that allows the switch to be mounted to a panel. 3. **Housing/Case:** Made of Diallyl Phthalate (DAP) or similar high-temperature plastics to ensure insulation and heat resistance during soldering. 4. **Terminals:** Copper alloy pins designed for PCB mounting. The "R" in the suffix often denotes a specific orientation or RoHS compliance depending on the manufacturer’s nomenclature. --- ### 4. Typical Applications * **Signal Routing:** Switching between two different audio or data signals. * **Power Control:** Reversing the polarity of a DC motor (H-bridge configuration). * **Industrial Controls:** Mode selection in machinery (e.g., Manual vs. Auto). * **Telecom:** Line switching in networking hardware.
    ✨ Follow-up Questions
    • ⤷ What is the physical footprint dimensions for the M2TS-2B-R on a PCB?
    • ⤷ Can this switch be used for DC applications
    • ⤷ and if so
    • ⤷ what is the voltage rating?
    • ⤷ What is the difference between the M2TS-2B-R and a momentary 'ON-OFF-ON' version?