Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • M2RTS-R-BB-R2

  • AI
    Based on your inquiry, the **M2RTS-R-BB-R2** is a specific model within a series of **Industrial Signal Converters** (often categorized as Isolation Transmitters or Signal Conditioners). These devices are commonly used in process automation to convert and isolate analog signals. Below is the breakdown of its electronic components, technical specifications, and nomenclature. --- ### 1. Component Identification This model typically belongs to a family of **Plug-in Type Signal Conditioners**. The "RTS" specifically denotes a **Resistance Thermometer (RTD) Transmitter**. | Feature | Description | | :--- | :--- | | **Input Type** | Resistance Temperature Detector (RTD) - e.g., Pt100 | | **Output Type** | DC Voltage or Current (Standard Analog) | | **Isolation** | 3-way isolation (Input to Output to Power) | | **Mounting** | Surface or DIN rail mounting (Plug-in base) | --- ### 2. Electronic Specifications (Model Breakdown) The suffix codes determine the specific electronic behavior of the unit: | Code Segment | Meaning | Electronic Details | | :--- | :--- | :--- | | **M2RTS** | Series Name | RTD Transmitter (Mini-M Series style) | | **-R** | Power Input | AC Power (24V DC / Standard varies by region) | | **-B** | Input Signal | Pt 100 (ITS-90) RTD sensor | | **-B** | Output Signal | 2 – 10V DC (High impedance load) | | **-R2** | Power/Approval | 24V DC power supply | --- ### 3. Internal Electronic Architecture The internal circuitry is composed of three primary stages to ensure signal integrity: 1. **Input Stage (Signal Conditioning):** * **Leadwire Compensation:** Uses a 3-wire system to cancel out the resistance of the wires leading to the RTD sensor. * **Burnout Protection:** Includes a high-resistance pull-up to ensure the output goes to a "fail-safe" state (usually max voltage) if the sensor wire breaks. 2. **Isolation Stage:** * **Opto-couplers or Transformers:** Provides electrical separation (typically up to 2000V AC) to prevent ground loops and protect PLC/DCS inputs from high-voltage surges. 3. **Output Stage (Linearization):** * **Operational Amplifiers:** Converts the non-linear resistance changes of the RTD into a strictly linear DC voltage or current signal proportional to the temperature. --- ### 4. Wiring and Terminal Connections Electronic connection is usually handled via a **M3 screw terminal base**. ```text Terminal | Function ---------|--------------------------- 1 | Output (+) 2 | Output (-) 3 | Power (+) 24V DC 4 | Power (-) 0V 5 | RTD Input (A) 6 | RTD Input (B) 7 | RTD Input (B) - Common ``` ---
    ✨ Follow-up Questions
    • ⤷What is the specific temperature range for the M2RTS-R-BB-R2?
    • ⤷ How does 'burnout protection' work in this specific RTD transmitter?
    • ⤷ Can this unit be calibrated for a Pt1000 sensor instead of a Pt100?