M2RS-45-R2
AI

The **M2RS-45-R2** is a high-performance **Step-Servo Motor (Integrated Motor)** manufactured by **Leadshine**. It combines a stepper motor with an internal high-resolution encoder and a digital drive into a single, compact package.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Motor Type** | NEMA 17 Integrated Step-Servo |
| **Input Voltage** | 20 - 36 VDC |
| **Holding Torque** | 0.45 N.m (63.7 oz-in) |
| **Communication** | RS485 (Modbus RTU) |
| **Encoder Resolution** | 4,000 pulses/revolution (1,000 lines) |
| **Frame Size** | 42mm (NEMA 17) |
| **Protection Level** | IP20 |
---
### 2. Main Electronic Components
The M2RS-45-R2 consists of three primary integrated layers:
#### A. The Digital Drive (Controller Layer)
The back of the motor contains the power electronics. It uses **FOC (Field Oriented Control)** technology to manage the current. Unlike traditional open-loop steppers, this drive adjusts the current based on the actual load, which prevents the motor from stalling and reduces heat.
#### B. The Integrated Encoder (Feedback Layer)
A magnetic or optical encoder is mounted on the rear shaft. It constantly monitors the rotor's position.
* **Closed-Loop Control:** If a position deviation occurs, the electronics immediately compensate.
* **No Loss of Step:** This eliminates the most common failure point in standard stepper systems.
#### C. RS485 Communication Interface
The "R2" suffix specifically refers to the communication protocol.
* It supports **Modbus RTU** over RS485.
* Users can control up to 31 axes via a single serial port.
* It allows for motion commands like "Profile Position," "Profile Velocity," and "Homing" without needing high-speed pulse trains from a PLC.
---
### 3. Wiring and Pin Definition
The motor typically features two main connector groups:
1. **Power Connector:**
* **V+:** DC Power input (24V recommended).
* **GND:** Power ground.
2. **Signal/Communication Connector:**
* **RS485-A / RS485-B:** Differential signals for Modbus communication.
* **Digital Inputs/Outputs:** Usually includes specialized pins for Configurable I/O (like limit switches or alarms).
---
### 4. Advantages of this Electronic Design
* **Reduced Wiring:** No need for long cables between the motor and a separate drive cabinet.
* **Space Saving:** Ideal for compact machines or multi-axis systems.
* **Lower Heat:** The intelligent current control only provides the torque needed for the specific load.
* **Diagnostic Capabilities:** Errors (over-voltage, over-current, position following error) can be read directly via software.
- ⤷How do I configure the Modbus ID for the M2RS-45-R2?
- ⤷ What software is used to tune Leadshine integrated motors?
- ⤷ Can this motor operate in Step/Direction mode as well?